Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA165-16MU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA165-16MU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165-16MU Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA165-16MU Datasheet HTML 1Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 2Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 3Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 4Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 5Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA165-16MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ATmega165/V
2573FS–AVR–08/06
Overview
The ATmega165 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing
powerful instructions in a single clock cycle, the ATmega165 achieves throughputs approaching 1 MIPS per MHz allowing
the system designer to optimize power consumption versus processing speed.
Block Diagram
Figure 2. Block Diagram
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTE
DATA DIR.
REG. PORTA
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
DATA REGISTER
PORTE
DATA REGISTER
PORTA
DATA REGISTER
PORTD
TIMING AND
CONTROL
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
USART
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PORTE DRIVERS
PORTA DRIVERS
PORTF DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB0 - PB7
PE0 - PE7
PA0 - PA7
PF0 - PF7
VCC
GND
AREF
CONTROL
LINES
PC0 - PC7
8-BIT DATA BUS
AVCC
CALIB. OSC
DATA DIR.
REG. PORTC
DATA REGISTER
PORTC
ON-CHIP DEBUG
JTAG TAP
PROGRAMMING
LOGIC
BOUNDARY-
SCAN
DATA DIR.
REG. PORTF
DATA REGISTER
PORTF
ADC
PD0 - PD7
DATA DIR.
REG. PORTG
DATA REG.
PORTG
PORTG DRIVERS
PG0 - PG4
UNIVERSAL
SERIAL INTERFACE
AVR CPU


Similar Part No. - ATMEGA165-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165-16MU ATMEL-ATMEGA165-16MU Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega165-16MU ATMEL-ATmega165-16MU Datasheet
3Mb / 336P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165-16MU ATMEL-ATMEGA165-16MU Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA165-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com