Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA329-16AI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA329-16AI
Description  8-bit Microcontroller with In-System Programmable Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA329-16AI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA329-16AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 11Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 12Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 13Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 14Page - ATMEL Corporation ATMEGA329-16AI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
ATmega329/3290/649/6490
2552HS–AVR–11/06
(0x83)
Reserved
-
-
-
-
-
-
-
-
(0x82)
TCCR1C
FOC1A
FOC1B
-
-
-
-
-
-129
(0x81)
TCCR1B
ICNC1
ICES1
-
WGM13
WGM12
CS12CS11CS10
128
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
-
-WGM11
WGM10
126
(0x7F)
DIDR1
-
-
-
-
-
-
AIN1D
AIN0D
201
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
218
(0x7D)
Reserved
-
-
-
-
-
-
-
-
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
214
(0x7B)
ADCSRB
-ACME
-
-
-
ADTS2
ADTS1
ADTS0
199/217
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
216
(0x79)
ADCH
ADC Data Register High
217
(0x78)
ADCL
ADC Data Register Low
217
(0x77)
Reserved
-
-
-
-
-
-
-
-
(0x76)
Reserved
-
-
-
-
-
-
-
-
(0x75)
Reserved
-
-
-
-
-
-
-
-
(0x74)
Reserved
-
-
-
-
-
-
-
-
(0x73)
PCMSK3
-
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
57
(0x72)
Reserved
-
-
-
-
-
-
-
-
(0x71)
Reserved
-
-
-
-
-
-
-
-
(0x70)
TIMSK2
-
-
-
-
-
-
OCIE2A
TOIE2
149
(0x6F)
TIMSK1
-
-ICIE1
-
-
OCIE1B
OCIE1A
TOIE1
131
(0x6E)
TIMSK0
-
-
-
-
-
-
OCIE0A
TOIE0
102
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
58
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
58
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
58
(0x6A)
Reserved
-
-
-
-
-
-
-
-
(0x69)
EICRA
-
-
-
-
-
-ISC01
ISC00
55
(0x68)
Reserved
-
-
-
-
-
-
-
-
(0x67)
Reserved
-
-
-
-
-
-
-
-
(0x66)
OSCCAL
Oscillator Calibration Register [CAL7..0]
29
(0x65)
Reserved
-
-
-
-
-
-
-
-
(0x64)
PRR
-
-
-
PRLCD
PRTIM1
PRSPI
PSUSART0
PRADC
38
(0x63)
Reserved
-
-
-
-
-
-
-
-
(0x62)
Reserved
-
-
-
-
-
-
-
-
(0x61)
CLKPR
CLKPCE
-
-
-
CLKPS3
CLKPS2
CLKPS1
CLKPS0
31
(0x60)
WDTCR
-
-
-
WDCE
WDE
WDP2
WDP1
WDP0
46
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
11
0x3E (0x5E)
SPH
Stack Pointer High
13
0x3D (0x5D)
SPL
Stack Pointer Low
13
0x3C (0x5C)
Reserved
-
-
-
-
-
-
-
-
0x3B (0x5B)
Reserved
-
-
-
-
-
-
-
-
0x3A (0x5A)
Reserved
-
-
-
-
-
-
-
-
0x39 (0x59)
Reserved
-
-
-
-
-
-
-
-
0x38 (0x58)
Reserved
-
-
-
-
-
-
-
-
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
-
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
271
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
JTD
-
-PUD
-
-
IVSEL
IVCE
52/67/244
0x34 (0x54)
MCUSR
-
-
-
JTRF
WDRF
BORF
EXTRF
PORF
44
0x33 (0x53)
SMCR
-
-
-
-
SM2
SM1
SM0
SE
38
0x32 (0x52)
Reserved
-
-
-
-
-
-
-
-
0x31 (0x51)
OCDR
IDRD/OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
240
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
199
0x2F (0x4F)
Reserved
-
-
-
-
-
-
-
-
0x2E (0x4E)
SPDR
SPI Data Register
159
0x2D (0x4D)
SPSR
SPIF
WCOL
-
-
-
-
-
SPI2X
159
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
157
0x2B (0x4B)
GPIOR2
General Purpose I/O Register
24
0x2A (0x4A)
GPIOR1
General Purpose I/O Register
24
0x29 (0x49)
Reserved
-
-
-
-
-
-
-
-
0x28 (0x48)
Reserved
-
-
-
-
-
-
-
-
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare A
102
0x26 (0x46)
TCNT0
Timer/Counter0
101
0x25 (0x45)
Reserved
-
-
-
-
-
-
-
-
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA329-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329-16AI ATMEL-ATMEGA329-16AI Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329-16AI ATMEL-ATMEGA329-16AI Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA329-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com