Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA3250V-8AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA3250V-8AI
Description  8-bit Microcontroller with In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3250V-8AI Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA3250V-8AI Datasheet HTML 1Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 2Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA3250V-8AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
ATmega325/3250/645/6450
2570JS–AVR–11/06
Features (Continued)
Ultra-Low Power Consumption
– Active Mode:
1 MHz, 1.8V: 350 µA
32 kHz, 1.8V: 20 µA (including Oscillator)
– Power-down Mode:
100 nA at 1.8V
Pin Configurations
Figure 1. Pinout ATmega3250/6450
DNC
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
VCC
GND
DNC
(PCINT24) PJ0
(PCINT25) PJ1
DNC
DNC
DNC
DNC
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1A/PCINT13) PB5
(OC1B/PCINT14) PB6
PA3
PA4
PA5
PA6
PA7
PG2
PC7
PC6
DNC
PH3 (PCINT19)
PH2 (PCINT18)
PH1 (PCINT17)
PH0 (PCINT16)
DNC
DNC
DNC
DNC
PC5
PC4
PC3
PC2
PC1
PC0
PG1
PG0
INDEX CORNER
ATmega3250/6450
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51


Similar Part No. - ATMEGA3250V-8AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3250V-8AI ATMEL-ATMEGA3250V-8AI Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA3250V-8AI ATMEL-ATMEGA3250V-8AI Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATmega3250V-8AI ATMEL-ATmega3250V-8AI Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA3250V-8AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com