Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE678M04-T2-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE678M04-T2-A
Description  MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE678M04-T2-A Datasheet(HTML) 3 Page - California Eastern Labs

  NE678M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE678M04-T2-A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
INSERTION POWER GAIN,
MAG, MSG vs. COLLECTOR CURRENT
INSERTION POWER GAIN,
MAG, MSG vs. COLLECTOR CURRENT
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
NE678M04
INSERTION POWER GAIN,
MAG vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
15
VCE = 3 V
f = 2 GHz
10
5
0
110
100
VCE = 3 V
IC = 30 mA
35
30
25
20
15
10
5
0
0.1
110
MSG
|S21e|
2
MAG
VCE = 3 V
f = 1 GHz
25
20
15
10
5
0
1
10
100
|S21e|
2
MSG
MAG
VCE = 3 V
f = 2 GHz
100
10
1
0
5
10
15
20
25
|S21e|
2
MAG
MSG
VCE = 3 V
f = 2.5 GHz
100
10
1
0
5
10
15
20
25
|S21e|
2
MAG
8
6
4
4
0
2
0
1
10
100
8
12
16
Ga
NF
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
Frequency f (mA)
Collector Current IC (mA)
Collector Current IC (mA)
Collector Current IC (mA)
Collector Current IC (mA)


Similar Part No. - NE678M04-T2-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE678M04-T2 NEC-NE678M04-T2 Datasheet
62Kb / 7P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE678M04-T2-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE678M04 NEC-NE678M04 Datasheet
62Kb / 7P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
   NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
   Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
California Eastern Labs
NE664M04 CEL-NE664M04 Datasheet
275Kb / 10P
   MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
   NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
   NPN medium frequency transistor
2004 Feb 05
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
   NPN medium frequency transistor
2004 Mar 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com