Electronic Components Datasheet Search |
|
ATMEGA645V-8AI Datasheet(PDF) 6 Page - ATMEL Corporation |
|
ATMEGA645V-8AI Datasheet(HTML) 6 Page - ATMEL Corporation |
6 / 27 page 6 ATmega325/3250/645/6450 2570JS–AVR–11/06 Comparison between ATmega325, ATmega3250, ATmega645 and ATmega6450 The ATmega325, ATmega3250, ATmega645, and ATmega6450 differs only in memory sizes, pin count and pinout. Table 1 on page 6 summarizes the different configurations for the four devices. Pin Descriptions The following section describes the I/O-pin special functions. V CC Digital supply voltage. GND Ground. Port A (PA7..PA0) Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B (PB7..PB0) Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B has better driving capabilities than the other ports. Por t B also ser v es the fu nctio n s of va r i ou s sp ecia l f e a t ur es of t h e ATmega325/3250/645/6450 as listed on page 66. Port C (PC7..PC0) Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port D (PD7..PD0) Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running. Por t D also se rve s t h e fu nctio n s of var i ous sp ecia l fea t u r es of th e ATmega325/3250/645/6450 as listed on page 69. Port E (PE7..PE0) Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are externally pulled low will source Table 1. Configuration Summary Device Flash EEPROM RAM General Purpose I/O Pins ATmega325 32K bytes 1K bytes 2K bytes 54 ATmega3250 32K bytes 1K bytes 2K bytes 69 ATmega645 64K bytes 2K bytes 4K bytes 54 ATmega6450 64K bytes 2K bytes 4K bytes 69 |
Similar Part No. - ATMEGA645V-8AI |
|
Similar Description - ATMEGA645V-8AI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |