Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP623DM-30R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP623DM-30R2G
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623DM-30R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP623DM-30R2G Datasheet HTML 1Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 2Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 3Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 4Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 5Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 6Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 7Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 8Page - ON Semiconductor NCP623DM-30R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP623
http://onsemi.com
2
GND
Figure 1. NCP623 Block Diagram
* Current Limit
* Antisaturation
* Protection
VIN
VOUT
GND
Bypass
Band Gap
Reference
ON/OFF
On/Off
Thermal
Shutdown
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
Vin
12
V
Power Dissipation and Thermal Resistance
Maximum Power Dissipation
PD
Internally Limited
W
Case 488AE (DFN6, 3x3) MN Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Case 846A (Micro8) DM Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
RqJA
**psi−JC* or YJC
RqJA
RqJC
161
13
240
105
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
Tstg
−60 to +150
°C
ESD Protection
− Human Body Model
− Machine Model
VESD
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*“C’’ (“case’’) is defined as the solder−attach interface between the center of the exposed pad on the bottom of the package, and the board to
which it is attached.
** Refer to the JEDEC Specs (51−2, 51−6).


Similar Part No. - NCP623DM-30R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623DM-3.3R2 ONSEMI-NCP623DM-3.3R2 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
More results

Similar Description - NCP623DM-30R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com