Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1000 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1000
Description  Integrated Off?묹ine Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1000 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1000_06 Datasheet HTML 1Page - ON Semiconductor NCP1000_06 Datasheet HTML 2Page - ON Semiconductor NCP1000_06 Datasheet HTML 3Page - ON Semiconductor NCP1000_06 Datasheet HTML 4Page - ON Semiconductor NCP1000_06 Datasheet HTML 5Page - ON Semiconductor NCP1000_06 Datasheet HTML 6Page - ON Semiconductor NCP1000_06 Datasheet HTML 7Page - ON Semiconductor NCP1000_06 Datasheet HTML 8Page - ON Semiconductor NCP1000_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1000, NCP1001, NCP1002
http://onsemi.com
5
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0.000
0.8
1.4
1.2
1
1.6
1.8
100
10
1.0
90.0
92.0
88.0
86.0
94.0
96.0
98.0
102.0
104.0
1
1.5
0.5
0
2
2.00
VCC (V)
Figure 2. Duty Cycle vs. FB Input Current
Figure 3. ICC vs. VCC
1
1000
100
100
10
1
10
Figure 4. Charge Time vs. VCC Capacitance
Capacitance (
mF)
Figure 5. Startup Current vs. Startup Voltage
Startup Voltage (V) (Pin 4)
Figure 6. Power Switch Circuit
Capacitance vs. Voltage
Switch Voltage (V)
Figure 7. Oscillator Frequency
vs. Temperature
Temperature (
°C)
100
10
1000
04
5
3
26
19
1
10
100
1000
1.00
2.50
0.50
1.50
0.00
3.50
4.00
−40
75
50
0
100
−25
125
lfb (mA)
78
3.00
25
100.0
VCC = 4.0 V
NCP1002
NCP1001
NCP1000


Similar Part No. - NCP1000_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1000P ONSEMI-NCP1000P Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
More results

Similar Description - NCP1000_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Texas Instruments
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com