Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP630AD2TG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP630AD2TG
Description  3.0 A Fast Linear Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP630AD2TG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP630AD2TG Datasheet HTML 1Page - ON Semiconductor NCP630AD2TG Datasheet HTML 2Page - ON Semiconductor NCP630AD2TG Datasheet HTML 3Page - ON Semiconductor NCP630AD2TG Datasheet HTML 4Page - ON Semiconductor NCP630AD2TG Datasheet HTML 5Page - ON Semiconductor NCP630AD2TG Datasheet HTML 6Page - ON Semiconductor NCP630AD2TG Datasheet HTML 7Page - ON Semiconductor NCP630AD2TG Datasheet HTML 8Page - ON Semiconductor NCP630AD2TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP630
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Cin = 68 mF, Cout = 33 mF, Vin = Vout + 1.5 V, Iout = 10 mA, for typical value TJ = 25°C, for min
and max values TJ = −40°C to 125°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
NCP630A
Reference Voltage
(Vin = Vout + 1.5 V to 7.0 V, Iout = 10 mA to 3.0 A, TJ = 25°C)
(Vin = Vout + 1.5 V to 7.0 V, Iout = 10 mA to 3.0 A, TJ = −40°C to 125°C)
Vadj
1.198
1.180
1.216
1.234
1.253
V
Line Regulation (Notes 3 and 4)
(Vin = Vout + 1.5 V to 7.0 V, TJ = 25°C)
(Vin = Vout + 1.5 V to 7.0 V, TJ = −40°C to 125°C)
Regline
0.02
0.06
%
Load Regulation (Notes 3 and 4)
(Iout = 10 mA to 3.0 A, TJ = 25°C)
(Iout = 10 mA to 3.0 A, TJ = −40°C to 125°C)
Regload
0.01
0.06
%
Dropout Voltage (Measured at Vout – 2%)
(Iout = 300 mA)
(Iout = 3.0 A)
Vin−Vout
0.75
1.0
1.0
1.25
V
Ground Pin Current in Normal Mode
(Iout = 300 mA)
(Iout = 3.0 A)
IGnd
0.4
1.0
1.0
2.0
mA
Ground Pin Current in Shutdown Mode
(Vshutdown = 0.8 V)
IGnd
15
50
mA
Peak Output Limit
Iout
3.0
6.0
A
Short Current Limit (Note 5)
ISC
6.5
A
Thermal Shutdown
165
°C
Shutdown Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vtth(shutdown)
2.0
0.8
V
Turn−off Delay, Iout = 3.0 A
TD(off)
20
ms
Turn−on Delay, Iout = 3.0 A
TD(on)
25
ms
Shutdown Input Low Current (VShutdown = 0.8 V),
(Negative current flows out of pin)
IIL
−10
−5.0
−1.0
mA
Shutdown Input High Current (VShutdown = 2.0 V),
(Negative current flows out of pin)
IIH
−10
−4.5
−1.0
mA
Ripple Rejection
(Cout = 100 mF, f = 1.0 kHz)
RR
85
dB
Output Noise Density (f = 120 Hz)
0.6
mV Hz
Output Noise Voltage
(f = 20 Hz – 100 kHz)
Vn
210
mVrms
3. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
4. Line regulation is defined as the change in output voltage for a change in input voltage. Load regulation is defined as the change in output
voltage for a change in output load current at a constant temperature. The limits for line and load regulation are contained within the refer-
ence voltage specification, Vadj. Typical numbers are included in the specification for line and load regulation.
5. The short circuit limit is for device protection. Maximum output current is guaranteed to be greater or equal to 3.0 A with a 6.0 A typical
as listed in the peak output limit specification.


Similar Part No. - NCP630AD2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630AD2T ONSEMI-NCP630AD2T Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
NCP630AD2TR4 ONSEMI-NCP630AD2TR4 Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
More results

Similar Description - NCP630AD2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630 ONSEMI-NCP630 Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com