Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP612SQ25T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP612SQ25T1
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612SQ25T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP612SQ25T1 Datasheet HTML 1Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 2Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 3Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 4Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 5Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 6Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 7Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 8Page - ON Semiconductor NCP612SQ25T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP612, NCV612
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued)
(Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
Dropout Voltage (TA = −40°C to 85°C, Iout = 100 mA,
Measured at Vout(nom) −3.0%)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
3.7 V
5.0 V
Vin−Vout
530
420
270
270
250
230
210
200
180
160
680
560
380
380
380
380
380
380
380
300
mV
Ground Current
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IGND
40
90
mA
Quiescent Current (TA = −40
°C to 85°C)
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.03
40
1.0
90
mA
Output Short Circuit Current (Vout = 0 V)
1.5 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
300
300
600
600
mA
Output Voltage Noise (f = 100 Hz to 100 kHz)
Iout = 30 mA, Cout = 1 mF
Vn
100
mVrms
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
0.95
0.3
V
Output Voltage Temperature Coefficient
TC
"100
ppm/
°C
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP612SQ25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612SQ25T1 ONSEMI-NCP612SQ25T1 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ25T1G ONSEMI-NCP612SQ25T1G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
More results

Similar Description - NCP612SQ25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com