Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV303LSN29T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV303LSN29T1
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV303LSN29T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV303LSN29T1 Datasheet HTML 4Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 5Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 6Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 7Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 8Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 9Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 10Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 11Page - ON Semiconductor NCV303LSN29T1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP302, NCP303
http://onsemi.com
8
Table 1. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP302 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink Current
Pch
Source
Current
Vin Low
Vin High
Vin Low
Vin High
VDET− (V) (Note 4)
VHYS (V)
Iin (mA)
(Note 5)
Iin (mA)
(Note 6)
IOUT (mA)
(Note 7)
IOUT (mA)
(Note 8)
IOUT(mA)
(Note 9)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP302LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
0.05
0.5
2.0
NCP302LSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP302LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP302LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP302LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP302LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP302LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP302LSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP302LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
3.0
NCP302LSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP302LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
NCP302LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
0.34
0.53
4. Values shown apply at +25
°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
5. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V
6. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V
7. Condition 3: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
8. Condition 4: 0.9 — 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices
9. Condition 5: 0.9 — 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 — 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices
Table 2. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP302 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink
Current
Pch Source Current
Vin Low
Vin High
Vin Low
Vin High
VDET− (V) (Note 10)
VHYS (V)
Iin (mA)
(Note 11)
Iin (mA)
(Note 12)
IOUT (mA)
(Note 13)
IOUT (mA)
(Note 14)
IOUT (mA)
(Note 15)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP302HSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
2.5
0.04
0.08
NCP302HSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP302HSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP302HSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP302HSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
NCP302HSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
10. Values shown apply at +25
°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
11. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V
12. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V
13. Condition 3: 0.9 — 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 — 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices
14. Condition 4: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.4 V, Active High ‘H’ Suffix Devices
15. Condition 5: 0.9 — 1.0 V, Vin = 0.8 V, VOUT = GND; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = GND; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = GND,
Active High ‘H’ Suffix Devices


Similar Part No. - NCV303LSN29T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV303LSN29T1G ONSEMI-NCV303LSN29T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCV303LSN29T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com