Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP612SQ25T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP612SQ25T1G
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612SQ25T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP612SQ25T1G Datasheet HTML 1Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 2Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 3Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 4Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 5Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 6Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 7Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 8Page - ON Semiconductor NCP612SQ25T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 1
1
Publication Order Number:
NCP612/D
NCP612, NCV612
100 mA CMOS Low Iq
Voltage Regulator in an
SC70−5
The NCP612/NCV612 series of fixed output linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent. The
NCP612/NCV612 series features an ultra−low quiescent current of
40
mA. Each device contains a voltage reference unit, an error
amplifier, a PMOS power transistor, resistors for setting output
voltage, current limit, and temperature limit protection circuits.
The NCP612/NCV612 has been designed to be used with low cost
ceramic capacitors. The device is housed in the micro−miniature
SC70−5 surface mount package. Standard voltage versions are 1.5,
1.8, 2.5, 2.7, 2.8, 3.0, 3.1, 3.3, 3.7, and 5.0 V.
Features
Low Quiescent Current of 40 mA Typical
Low Dropout Voltage of 230 mV at 100 mA and 3.0 V Vout
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Temperature Range of −40°C to 85°C (NCP612)
Temperature Range of −40
°C to 125°C (NCV612)
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Typical Applications
Cellular Phones
Battery Powered Consumer Products
Hand−Held Instruments
Camcorders and Cameras
Figure 1. Typical Application Diagram
This device contains 86 active transistors
Vout
Battery or
Unregulated
Voltage
C1
C2
OFF
ON
1
2
3
5
4
+
+
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
SC70−5
(SC−88A/SOT−353)
SQ SUFFIX
CASE 419A
1
5
PIN CONNECTIONS
1
3
N/C
Vin
2
Gnd
Enable
4
Vout
5
(Top View)
xxx = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
MARKING
DIAGRAM
http://onsemi.com
1
5
xxxM
G
G
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.


Similar Part No. - NCP612SQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612SQ25T1G ONSEMI-NCP612SQ25T1G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
More results

Similar Description - NCP612SQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com