Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP612SQ27T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP612SQ27T1
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612SQ27T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP612SQ27T1 Datasheet HTML 1Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 2Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 3Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 4Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 5Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 6Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 7Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 8Page - ON Semiconductor NCP612SQ27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCP612, NCV612
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25
°C, Iout = 10 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
3.7 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.940
3.038
3.234
3.626
4.900
1.5
1.8
2.5
2.7
2.8
3.0
3.1
3.3
3.7
5.0
1.545
1.854
2.575
2.754
2.856
3.060
3.162
3.366
3.774
5.100
V
Output Voltage (TA = −40
°C to 85°C, Iout = 10 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
3.7 V
5.0 V
Vout
1.455
1.746
2.425
2.619
2.716
2.910
3.007
3.201
3.626
4.900
1.5
1.8
2.5
2.7
2.8
3.0
3.1
3.3
3.7
5.0
1.545
1.854
2.575
2.781
2.884
3.090
3.193
3.399
3.774
5.100
V
Output Voltage (TA = −40
°C to 125°C, Iout = 10 mA) NCV612 Only
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
5.0 V
Vout
1.440
1.728
2.400
2.592
2.688
2.880
2.976
3.201
4.850
1.5
1.8
2.5
2.7
2.8
3.0
3.1
3.3
5.0
1.560
1.872
2.600
2.808
2.912
3.120
3.224
3.399
5.150
V
Output Voltage (TA = −40
°C to 85°C, Iout = 100 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
3.7 V
5.0 V
Vout
1.440
1.728
2.400
2.592
2.688
2.880
2.976
3.201
3.589
4.850
1.5
1.8
2.5
2.7
2.8
3.0
3.1
3.3
3.7
5.0
1.560
1.872
2.600
2.808
2.912
3.120
3.224
3.399
3.811
5.150
V
Line Regulation (Iout = 10 mA)
1.5 V−4.4 V (Vin = Vout(nom.) + 1.0 V to 6.0 V)
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
1.0
1.0
3.0
3.0
mV/V
Load Regulation (Iout = 1.0 mA to 100 mA)
Regload
0.3
0.8
mV/mA
Output Current (Vout = (Vout at Iout = 100 mA) −3%)
1.5 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
100
100
200
200
mA


Similar Part No. - NCP612SQ27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612SQ27T1 ONSEMI-NCP612SQ27T1 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ27T1G ONSEMI-NCP612SQ27T1G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
More results

Similar Description - NCP612SQ27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com