Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D106C Datasheet(PDF) 1 Page - TOKO, Inc

Part # D106C
Description  Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

D106C Datasheet(HTML) 1 Page - TOKO, Inc

  D106C Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
D106C
DIMENSIONS/外形寸法図
(Unit: mm)
Recommended patterns
推奨パターン図
FEATURES/特長
SELECTION GUIDE FOR STANDARD COILS
Inductance Range:
0.56~8.2µH
6.0
7.0
6.7 Max.
10.3 Max.
11.0
5.0
• 10.3mm Max. square and 6.7mm Max. height.
• Magnetically shielded construction and low DC resistance.
• Suitable for large current.
• Ideal for DC-DC converter inductor applications
in hand held personal computer etc.
• RoHS compliant.
10.3mm角Max.、高さ6.7mm Max.
閉磁路構造、低直流抵抗
大電流対応
ノート型パソコンなどのDC-DCコンバータ用インダクタに最適
RoHS指令対応
TYPE D106C (Quantity/reel; 500 PCS)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1)インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
(2)直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。(周囲温度20℃を基準とす
る。)
0.56
± 30
2.8
18
15
1.0
± 30
4
14
13
1.6
± 20
7
11
10
2.4
± 20
8
10
9.4
3.3
± 20
9
8.7
8.6
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
962BS-R56N
962BS-1R0N
962BS-1R6M
962BS-2R4M
962BS-3R3M
Inductance(1)
(µH)
Inductance
Decrease Current(3)
(A) Max.
=10%
∆L
L
DC Resistance(2)
(mΩ) Max.
Temperature
Rise Current(3)
∆ T=40°C
(A) Max.
Tolerance
(%)
(Unit: mm)
962BS-4R3M
962BS-5R6M
962BS-6R8M
962BS-8R2M
4.3
± 20
11
7.5
7.9
5.6
± 20
12
6.9
7.5
6.8
± 20
17
5.9
6.5
8.2
± 20
20
5.4
6.1


Similar Part No. - D106C

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D106 MPD-D106 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
G.M. International
D1060 GMI-D1060 Datasheet
443Kb / 4P
   Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1060S GMI-D1060S Datasheet
443Kb / 4P
   Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1060SB GMI-D1060SB Datasheet
443Kb / 4P
   Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1061 GMI-D1061 Datasheet
506Kb / 4P
   RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S
More results

Similar Description - D106C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com