Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM56C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYM56C
Description  Controlled avalanche rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM56C Datasheet(HTML) 2 Page - NXP Semiconductors

  BYM56C Datasheet HTML 1Page - NXP Semiconductors BYM56C Datasheet HTML 2Page - NXP Semiconductors BYM56C Datasheet HTML 3Page - NXP Semiconductors BYM56C Datasheet HTML 4Page - NXP Semiconductors BYM56C Datasheet HTML 5Page - NXP Semiconductors BYM56C Datasheet HTML 6Page - NXP Semiconductors BYM56C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 May 24
2
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYM56 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack
• Also available with preformed leads
for easy insertion.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD64) and symbol.
2/3 page (Datasheet)
MAM104
ka
,

,

LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYM56A
200
V
BYM56B
400
V
BYM56C
600
V
BYM56D
800
V
BYM56E
1000
V
VRWM
crest working reverse voltage
BYM56A
200
V
BYM56B
400
V
BYM56C
600
V
BYM56D
800
V
BYM56E
1000
V
VR
continuous reverse voltage
BYM56A
200
V
BYM56B
400
V
BYM56C
600
V
BYM56D
800
V
BYM56E
1000
V
IF(AV)
average forward current
Ttp =60 °C;
lead length = 10 mm;
averaged over any 20 ms
period; see Figs 2 and 4
3.5
A
Tamb =65 °C; PCB mounting
(see Fig.9); averaged over any
20 ms period; see Figs 3 and 4
1.4
A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge;
VR =VRRMmax
80
A


Similar Part No. - BYM56C

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYM56C GULFSEMI-BYM56C Datasheet
70Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A
logo
EIC discrete Semiconduc...
BYM56C EIC-BYM56C Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results

Similar Description - BYM56C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
   Controlled avalanche rectifiers
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
   Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com