Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1030 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1030
Description  Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1030 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1030 Datasheet HTML 6Page - ON Semiconductor NCP1030 Datasheet HTML 7Page - ON Semiconductor NCP1030 Datasheet HTML 8Page - ON Semiconductor NCP1030 Datasheet HTML 9Page - ON Semiconductor NCP1030 Datasheet HTML 10Page - ON Semiconductor NCP1030 Datasheet HTML 11Page - ON Semiconductor NCP1030 Datasheet HTML 12Page - ON Semiconductor NCP1030 Datasheet HTML 13Page - ON Semiconductor NCP1030 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 22. Power Switch Circuit Output
Capacitance vs. Drain Voltage
Figure 23. Power Switch Circuit and Startup
Circuit Leakage Current vs. Drain Voltage
1000
10
100
Figure 24. NCP1030 Current Limit Threshold
vs. Junction Temperature
0
40
80
120
160
200
VDRAIN, DRAIN VOLTAGE (V)
40
35
30
0
5
10
15
25
20
Figure 25. NCP1031 Current Limit Threshold
vs. Junction Temperature
0
50
100
150
VDRAIN, DRAIN VOLTAGE (V)
200
250
300
TJ = −40°C
TJ = 25°C
TJ = 125°C
VCC = 12 V
NCP1030
NCP1031
600
575
550
525
350
375
500
475
400
TJ, JUNCTION TEMPERATURE (°C)
−50
−25
0
25
50
75
TJ = 25°C
100
125
150
425
450
600
575
550
525
350
375
500
475
400
CURRENT SLEW RATE (mA/
mS)
375
400
425
450
475
500
425
450
Current Slew Rate = 500 mA/
ms
Figure 26. NCP1030 Current Limit Threshold
vs. Current Slew Rate
Figure 27. NCP1031 Current Limit Threshold
vs. Current Slew Rate
1200
1150
1100
1050
700
750
1000
950
800
TJ, JUNCTION TEMPERATURE (°C)
−50
−25
0
25
50
75
TJ = 25°C
100
125
150
850
900
1200
1150
1100
1050
700
750
1000
950
800
CURRENT SLEW RATE (mA/
mS)
750
800
850
900
950
1000
850
900
Current Slew Rate = 1 A/
ms
NCP1030
NCP1030
NCP1031
NCP1031


Similar Part No. - NCP1030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1030 ONSEMI-NCP1030 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP10301 ONSEMI-NCP10301 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com