Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1031DR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1031DR2
Description  Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1031DR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1031DR2 Datasheet HTML 3Page - ON Semiconductor NCP1031DR2 Datasheet HTML 4Page - ON Semiconductor NCP1031DR2 Datasheet HTML 5Page - ON Semiconductor NCP1031DR2 Datasheet HTML 6Page - ON Semiconductor NCP1031DR2 Datasheet HTML 7Page - ON Semiconductor NCP1031DR2 Datasheet HTML 8Page - ON Semiconductor NCP1031DR2 Datasheet HTML 9Page - ON Semiconductor NCP1031DR2 Datasheet HTML 10Page - ON Semiconductor NCP1031DR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
7
TYPICAL CHARACTERISTICS
VCC, SUPPLY VOLTAGE (V)
13.0
12.5
12.0
11.5
8.0
8.5
9.0
9.5
11.0
10.5
0
10.0
24
6
8
10
NCP1030
VDRAIN = 48 V
TJ = 25°C
Figure 4. NCP1030 Startup Current vs. Supply
Voltage
20
18
16
14
0
2
4
6
12
10
8
NCP1030
VDRAIN = 48 V
−50
−25
0
25
50
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. NCP1031 Startup Current vs. Supply
Voltage
75
100
125
VCC = 0 V
VCC = VCC(on) − 0.2 V
VDRAIN, DRAIN VOLTAGE (V)
12
10
8
0
2
6
0
4
25
50
75
100
200
Figure 6. NCP1030 Startup Current vs.
Junction Temperature
125
150
175
TJ = 25°C
VCC = VCC(on) − 0.2 V
Figure 7. NCP1031 Startup Current vs.
Junction Temperature
Figure 8. NCP1030 Startup Current vs. Drain
Voltage
Figure 9. NCP1031 Startup Current vs. Drain
Voltage
TJ = −40°C
TJ = 125°C
VCC, SUPPLY VOLTAGE (V)
20
19
18
17
10
11
12
13
16
15
0
14
24
6
8
10
NCP1031
VDRAIN = 48 V
TJ = 25°C
20
18
16
14
0
2
4
6
12
10
8
NCP1031
VDRAIN = 48 V
−50
−25
0
25
50
150
TJ, JUNCTION TEMPERATURE (°C)
75
100
125
VCC = 0 V
VCC = VCC(on) − 0.2 V
VDRAIN, DRAIN VOLTAGE (V)
12
10
8
0
2
6
0
4
25
50
75
100
200
125
150
175
TJ = 25°C
TJ = −40°C
TJ = 125°C
NCP1030
NCP1031
20
14
18
16
VCC = VCC(on) − 0.2 V


Similar Part No. - NCP1031DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1031DR2 ONSEMI-NCP1031DR2 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1031DR2 ONSEMI-NCP1031DR2 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1031DR2 ONSEMI-NCP1031DR2 Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
NCP1031DR2G ONSEMI-NCP1031DR2G Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1031DR2G ONSEMI-NCP1031DR2G Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com