Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP343 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP343
Description  Dual 0.275% Comparators and Reference with Programmable Hysteresis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP343 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP343 Datasheet HTML 4Page - Analog Devices ADCMP343 Datasheet HTML 5Page - Analog Devices ADCMP343 Datasheet HTML 6Page - Analog Devices ADCMP343 Datasheet HTML 7Page - Analog Devices ADCMP343 Datasheet HTML 8Page - Analog Devices ADCMP343 Datasheet HTML 9Page - Analog Devices ADCMP343 Datasheet HTML 10Page - Analog Devices ADCMP343 Datasheet HTML 11Page - Analog Devices ADCMP343 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCMP341/ADCMP343
Rev. 0 | Page 10 of 12
APPLICATION INFORMATION
The ADCMP341/ADCMP343 are dual, low power comparators
with a built-in 400 mV reference that operates from 1.7 V to 5.5 V.
The comparators are 0.275% accurate with fully programmable
hysteresis, implemented using a new technique of a three-resistor
string on the input. These open-drain outputs are capable of
sinking up to 40 mA.
COMPARATORS AND INTERNAL REFERENCE
Each of the comparators has one input available externally; the
other comparator inputs are connected internally to the 400 mV
reference. The ADCMP341 has two noninverting comparators
and the ADCMP343 has two inverting comparators.
There are two input pins available to each comparator. However,
these two input pins (±INx_U, ±INx_L) connect to the same
input leg of the comparator via a muxing system. This is to
provide fully programmable rising and falling trip points. The
output of the comparator determines which pin is connected to
the input of the same comparator. Using Figure 28 as an
example, when OUTA is high, +INA_U is connected to the
comparator input. When the input voltage drops and passes
below the 400 mV reference, the output goes low. This in turn
disconnects +INA_U from the comparator and connects
+INA_L. This leg of the string is at a lower voltage and thus
instantaneously the effect of hysteresis is applied. Therefore,
using a resistor string on the input as shown in Figure 28, the
voltages for the rising and falling trip points can be programmed
by selecting the appropriate resistors in the string.
POWER SUPPLY
The ADCMP341/ADCMP343 are designed to operate from 1.7 V
to 5.5 V. A 0.1 μF decoupling capacitor is recommended between
VDD and GND.
INPUTS
The comparator inputs are limited to the maximum VDD voltage
range. The voltage on these inputs can be above VDD but never
above the maximum allowed VDD voltage.
OUTPUTS
The open-drain comparator outputs are limited to the maximum
specified VDD voltage range, regardless of the VDD voltage. These
outputs are capable of sinking up to 40 mA. Outputs can be tied
together to provide a common output signal.
PROGRAMMING HYSTERESIS
When choosing the resistor values, the input bias current must
be considered as a potential source of error. Begin by choosing a
resistor value for R3, which takes into account the acceptable
error introduced by the maximum specified input bias current.
To reduce this error, the current flowing through the Resistor R3
should be considerably greater than the input bias current.
BIAS
R3
I
I
>>
R3 is therefore
3
3
R
REF
I
V
R =
Now R2 can be calculated from the following:
(
)
FALLING
FALLING
RISING
V
V
V
R
R
= 3
2
R1 can then be calculated using the following equation:
2
1
3
1
R
V
V
R
R
REF
RISING
⎟⎟
⎜⎜
×
=
where:
VREF is the specified on chip reference.
IBIAS is the maximum specified input bias current.
R1, R2, and R3 are the three resistors as shown in Figure 28.
IR3 is the current flowing through R3.
VFALLING is the desired falling trip voltage and lower of the two.
VRISING is the desired rising trip voltage and higher of the two.
+INA_U
OUTA
VDD
400mV
ADCMP341
+INA_L
VINA
R1
R2
R3
Figure 28. Programming Hysteresis Example
LAYOUT RECOMMENDATIONS
Correct layout is very important to increase noise immunity.
Long tracks from the input resistors to the device can lead to
noise being coupled onto the inputs. To avoid this, it is best to
place the input resistors as close as possible to the device. It is
also recommended that a GND plane is used under this layout.
The combination of small hysteresis and the use of a large R3
resistor further increases susceptibility to noise. In this case, a
decoupling capacitor (CA, CB) may be required on the ±INx_U
node to help reduce any noise. A recommended layout example
can be seen in Figure 29.
C1
CA
CB
U1
GND
VDD
OUTA
INA
R1A
R2A
R3A
OUTB
INB
R1B
R2B
R3B
Figure 29. Recommended Layout Example


Similar Part No. - ADCMP343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP343 AD-ADCMP343 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
ADCMP343ARJ AD-ADCMP343ARJ Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
More results

Similar Description - ADCMP343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
logo
Microchip Technology
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
logo
Analog Devices
ADCMP670 AD-ADCMP670 Datasheet
121Kb / 14P
   Dual Comparators with 400mV Reference
Rev. PrB
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com