Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5330ACPZ-WP Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5330ACPZ-WP
Description  10 MHz to 3 GHz VGA with 60 dB Gain Control Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-WP Datasheet(HTML) 1 Page - Analog Devices

  ADL5330ACPZ-WP Datasheet HTML 1Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 2Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 3Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 4Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 5Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 6Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 7Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 8Page - Analog Devices ADL5330ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
10 MHz to 3 GHz VGA with
60 dB Gain Control Range
ADL5330
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Voltage-controlled amplifier/attenuator
Operating frequency 10 MHz to 3 GHz
Optimized for controlling output power
High linearity: OIP3 31 dBm @ 900 MHz
Output noise floor: −150 dBm/Hz @ 900 MHz
50 Ω input and output impedances
Single-ended or differential operation
Wide gain-control range: −34 dB to +22 dB @ 900 MHz
Linear-in-dB gain control function, 20 mV/dB
Single-supply 4.75 V to 5.25 V
APPLICATIONS
Transmit and receive power control at RF and IF
FUNCTIONAL BLOCK DIAGRAM
INLO
VPS1
COM1
INHI
COM2
OPLO
OPHI
IPBS
GAIN
CONTROL
BIAS
AND
VREF
GAIN
BALUN
COM2
RFOUT
COM2
VPS2
VPS2
VPS2
COM1
VPS1
VPS2
VPS2
COM2
COM1
OPBS
VREF
ENBL
VPS2
RFIN
INPUT
GM
STAGE
O/P
(TZ)
STAGE
Figure 1.
GENERAL DESCRIPTION
The ADL5330 is a high performance, voltage-controlled
variable gain amplifier/attenuator for use in applications with
frequencies up to 3 GHz. The balanced structure of the signal
path minimizes distortion while it also reduces the risk of
spurious feed-forward at low gains and high frequencies caused
by parasitic coupling. While operation between a balanced
source and load is recommended, a single-sided input is
internally converted to differential form.
The input impedance is 50 Ω from INHI to INLO. The outputs
are usually coupled into a 50 Ω grounded load via a 1:1 balun. A
single supply of 4.75 V to 5.25 V is required.
The 50 Ω input system converts the applied voltage to a pair of
differential currents with high linearity and good common
rejection even when driven by a single-sided source. The signal
currents are then applied to a proprietary voltage-controlled
attenuator providing precise definition of the overall gain under
the control of the linear-in-dB interface. The GAIN pin accepts
a voltage from 0 V at minimum gain to 1.4 V at full gain with a
20 mV/dB scaling factor.
The output of the high accuracy wideband attenuator is applied
to a differential transimpedance output stage. The output stage
sets the 50 Ω differential output impedances and drives
Pin OPHI and Pin OPLO. The ADL5330 has a power-down
function. It can be powered down by a Logic LO input on the
ENBL pin. The current consumption in power-down mode is
250 μA.
The ADL5330 is fabricated on an ADI proprietary high
performance, complementary bipolar IC process. The ADL5330
is available in a 24-lead (4 mm × 4 mm), Pb-free LFCSP_VQ
package and is specified for operation from ambient
temperatures of −40°C to +85°C. An evaluation board is also
available.


Similar Part No. - ADL5330ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330ACPZ-WP AD-ADL5330ACPZ-WP Datasheet
678Kb / 24P
   VGA with Gain Control Range
More results

Similar Description - ADL5330ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
   1 MHz - 3 GHz VGA with 60dB Gain Control Range
REV. A
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
   VGA with Gain Control Range
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
logo
Pasternack Enterprises,...
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE1527 PASTERNACK-PE1527 Datasheet
266Kb / 3P
   50 Ohm SMA Amplifier Operating From 10 MHz to 3 GHz With 14.5 dB Gain And 9.7 dB P1db
logo
RF Micro Devices
RDA2032Z RFMD-RDA2032Z Datasheet
897Kb / 11P
   50 MHz TO 1000 MHz DIGITAL VGA WITH 6-BIT 0.5 dB PARALLEL CONTROL
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
   Fully Differential, 10 GHz ADC Driver with 10 dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com