Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM36G Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BYM36G
Description  Fast soft-recovery controlled avalanche rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM36G Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BYM36G Datasheet HTML 3Page - NXP Semiconductors BYM36G Datasheet HTML 4Page - NXP Semiconductors BYM36G Datasheet HTML 5Page - NXP Semiconductors BYM36G Datasheet HTML 6Page - NXP Semiconductors BYM36G Datasheet HTML 7Page - NXP Semiconductors BYM36G Datasheet HTML 8Page - NXP Semiconductors BYM36G Datasheet HTML 9Page - NXP Semiconductors BYM36G Datasheet HTML 10Page - NXP Semiconductors BYM36G Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1996 Sep 18
7
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM36 series
BYM36D and E
Ttp =55°C; Rth j-tp = 25 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1000 V.
Fig.9 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
0
20
10 2
10 1
110
10 2
10 3
10 4
MSA889
40
10
30
t
(ms)
p
I FRM
(A)
= 0.05
δ
0.1
0.2
0.5
1
BYM36F and G
Ttp =55°C; Rth j-tp = 25 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1400 V.
Fig.10 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
30
0
10
10 2
110
10 2
10 3
10 4
MBD450
20
t
(ms)
p
10 1
I FRM
(A)
5
15
25
= 0.05
δ
0.1
0.2
0.5
1


Similar Part No. - BYM36G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYM36G BILIN-BYM36G Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYM36G LUGUANG-BYM36G Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36G DSK-BYM36G Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
BYM36G NJSEMI-BYM36G Datasheet
200Kb / 3P
   Fast soft-recovery controlled avalanche rectifiers
logo
Galaxy Semi-Conductor H...
BYM36GZ BILIN-BYM36GZ Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BYM36G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com