Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD603AR-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD603AR-REEL
Description  Low Noise, 90 MHz Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603AR-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD603AR-REEL Datasheet HTML 1Page - Analog Devices AD603AR-REEL Datasheet HTML 2Page - Analog Devices AD603AR-REEL Datasheet HTML 3Page - Analog Devices AD603AR-REEL Datasheet HTML 4Page - Analog Devices AD603AR-REEL Datasheet HTML 5Page - Analog Devices AD603AR-REEL Datasheet HTML 6Page - Analog Devices AD603AR-REEL Datasheet HTML 7Page - Analog Devices AD603AR-REEL Datasheet HTML 8Page - Analog Devices AD603AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD603
Rev. G | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 11
Noise Performance ..................................................................... 11
The Gain Control Interface....................................................... 12
Programming the Fixed-Gain Amplifier
Using Pin Strapping ................................................................... 12
Using the AD603 in Cascade ........................................................ 14
Sequential Mode (Optimal S/N Ratio).................................... 14
Parallel Mode (Simplest Gain Control Interface) .................. 16
Low Gain Ripple Mode (Minimum Gain Error) ................... 16
Applications..................................................................................... 18
A Low Noise AGC Amplifier .................................................... 18
Caution ........................................................................................ 19
Outline Dimensions ....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
3/05—Rev. F to Rev. G
Updated Format.................................................................. Universal
Change to Features ............................................................................1
Changes to General Description .....................................................1
Change to Figure 1 ............................................................................1
Changes to Specifications .................................................................3
New Figure 4 and Renumbering Subsequent Figures...................6
Change to Figure 10 ..........................................................................7
Change to Figure 23 ..........................................................................9
Change to Figure 29 ........................................................................12
Updated Outline Dimensions ........................................................20
4/04—Rev. E to Rev. F
Changes to Specifications .................................................................2
Changes to Ordering Guide .............................................................3
8/03—Rev. D to Rev E
Updated Format.................................................................. Universal
Changes to Specifications .................................................................2
Changes to TPCs 2, 3, 4.....................................................................4
Changes to Sequential Mode (Optimal S/N Ratio) section .........9
Change to Figure 8 ..........................................................................10
Updated Outline Dimensions ........................................................14


Similar Part No. - AD603AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603AR-REEL AD-AD603AR-REEL Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603AR-REEL AD-AD603AR-REEL Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603AR-REEL AD-AD603AR-REEL Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
AD603AR-REEL7 AD-AD603AR-REEL7 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603AR-REEL7 AD-AD603AR-REEL7 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
More results

Similar Description - AD603AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com