Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


AD790JN Datasheet(PDF) 1 Page - Analog Devices

Part No. AD790JN
Description  Fast, Precision Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 1 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Fast, Precision
Comparator
AD790
FEATURES
45 ns max Propagation Delay
Single 5 V or Dual
15 V Supply Operation
CMOS or TTL Compatible Output
250
V max Input Offset Voltage
500
V max Input Hysteresis Voltage
15 V max Differential Input Voltage
Onboard Latch
60 mW Power Dissipation
Available in 8-Pin Plastic and Hermetic Cerdip
Packages
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Zero-Crossing Detectors
Overvoltage Detectors
Pulse-Width Modulators
Precision Rectifiers
Discrete A/D Converters
Delta-Sigma Modulator A/Ds
PRODUCT DESCRIPTION
The AD790 is a fast (45 ns), precise voltage comparator, with a
number of features that make it exceptionally versatile and easy
to use. The AD790 may operate from either a single 5 V supply
or a dual
±15 V supply. In the single-supply mode, the AD790’s
inputs may be referred to ground, a feature not found in other
comparators. In the dual-supply mode it has the unique ability
of handling a maximum differential voltage of 15 V across its in-
put terminals, easing their interfacing to large amplitude and
dynamic signals.
This device is fabricated using Analog Devices’ Complementary
Bipolar (CB) process—which gives the AD790’s combination
of fast response time and outstanding input voltage resolution
(1 mV max). To preserve its speed and accuracy, the AD790
incorporates a “low glitch” output stage that does not exhibit
the large current spikes normally found in TTL or CMOS output
stages. Its controlled switching reduces power supply disturbances
that can feed back to the input and cause undesired oscillations.
The AD790 also has a latching function which makes it suitable
for applications requiring synchronous operation.
The AD790 is available in five performance grades. The
AD790J and the AD790K are rated over the commercial tem-
perature range of 0
°C to 70°C. The AD790A and AD790B are
rated over the industrial temperature range of –40
°C to +85°C.
The AD790S is rated over the military temperature range of
–55
°C to +125°C.
PRODUCT HIGHLIGHTS
1. The AD790’s combination of speed, precision, versatility
and low cost makes it suitable as a general purpose compara-
tor in analog signal processing and data acquisition systems.
2. Built-in hysteresis and a low-glitch output stage minimize the
chance of unwanted oscillations, making the AD790 easier to
use than standard open-loop comparators.
3. The hysteresis combined with a wide input voltage range
enables the AD790 to respond to both slow, low level (e.g.,
10 mV) signals and fast, large amplitude (e.g., 10 V) signals.
4. A wide variety of supply voltages is acceptable for operation
of the AD790, ranging from single 5 V to dual +5 V/–12 V,
±5 V, or +5 V/±15 V supplies.
5. The AD790’s power dissipation is the lowest of any compara-
tor in its speed range.
6. The AD790’s output swing is symmetric between VLOGIC
and ground, thus providing a predictable output under a
wide range of input and output conditions.
CONNECTION DIAGRAMS
8-Pin Plastic Mini-DIP (N)
and Cerdip (Q) Packages
OUTPUT
LATCH
GROUND
VLOGIC
1
2
3
45
6
7
8
AD790
+
+VS
+IN
–IN
–VS
8-Pin SOIC (R) Package
LATCH
GROUND
VLOGIC
+VS
1
2
3
4
5
6
7
8
OUTPUT
AD790
+IN
–IN
–VS
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADCMP603Rail-to-Rail Very Fast 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparator 1 2 3 4 5 MoreAnalog Devices
IDT74FCT521FAST CMOS 8-BIT IDENTITY COMPARATOR 1 2 3 4 5 MoreIntegrated Device Technology
LM2901_06Low power quad voltage comparator 1 2 3 4 5 MoreSTMicroelectronics
IRG4PC60F-PPBFINSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1 2 3 4 5 MoreInternational Rectifier
FAS209Fast Architecture SCSI 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BY223-600FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 STMicroelectronics
LP3963_033A Fast Ultra Low Dropout Linear Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
STGW39NC60VD_06N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT 1 2 3 4 5 MoreSTMicroelectronics
MC33340_05Battery Fast Charge Controllers 1 2 3 4 5 MoreON Semiconductor
ADUC7032MicroConverter Integrated Precision Battery Sensor 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl