Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYQ30EB-100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYQ30EB-100
Description  Rectifier diodes ultrafast, rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ30EB-100 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYQ30EB-100 Datasheet HTML 1Page - NXP Semiconductors BYQ30EB-100 Datasheet HTML 2Page - NXP Semiconductors BYQ30EB-100 Datasheet HTML 3Page - NXP Semiconductors BYQ30EB-100 Datasheet HTML 4Page - NXP Semiconductors BYQ30EB-100 Datasheet HTML 5Page - NXP Semiconductors BYQ30EB-100 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ30EB series
ultrafast, rugged
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated high efficiency
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
rugged dual rectifier diodes in a
plastic envelope suitable for surface
BYQ30EB-
100
150
200
mounting,
featuring
low
forward
V
RRM
Repetitive peak reverse
100
150
200
V
voltage
drop,
ultra-fast
recovery
voltage
times
and
soft
recovery
V
F
Forward voltage
0.95
0.95
0.95
V
characteristic. These devices can
I
O(AV)
Output current (both
16
16
16
A
withstand reverse voltage transients
diodes conducting)
and have guaranteed reverse surge
t
rr
Reverse recovery time
25
25
25
ns
and
ESD
capability.
They
are
I
RRM
Repetitive peak reverse
0.2
0.2
0.2
A
intended for use in switched mode
current per diode
power supplies and high frequency
circuits
in
general
where
low
conduction and switching losses are
essential.
PINNING - SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
no connection
2
cathode
3
anode
mb
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-100
-150
-200
V
RRM
Repetitive peak reverse voltage
-
100
150
200
V
V
RWM
Crest working reverse voltage
-
100
150
200
V
V
R
Continuous reverse voltage
-
100
150
200
V
I
O(AV)
Output current (both diodes
square wave
-
16
A
conducting)
1
δ = 0.5; T
mb ≤ 104 ˚C
I
O(RMS)
RMS forward current
-
23
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
per diode
T
mb ≤ 104 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current per diode
t = 8.3 ms
-
110
A
sinusoidal; with reapplied
V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
50
A
2s
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
per diode
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current per diode
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
13
mb
2
k
a
tab
3
1 Neglecting switching and reverse current losses.
October 1997
1
Rev 1.000


Similar Part No. - BYQ30EB-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30EB-150 PHILIPS-BYQ30EB-150 Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
More results

Similar Description - BYQ30EB-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com