Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1054ST100T3G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1054ST100T3G
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1054ST100T3G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1054ST100T3G Datasheet HTML 4Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 5Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 6Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 7Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 8Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 9Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 10Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 11Page - ON Semiconductor NCP1054ST100T3G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (VCC = 8.0 V, for typical values TJ = 25°C, for min/max values, TJ is the operating junction
temperature range that applies (Note 2), unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
POWER SWITCH CIRCUIT
Power Switch Circuit On−State Resistance
NCP1050, NCP1051, NCP1052 (ID = 50 mA)
TJ = 25°C
TJ = 125°C
NCP1053, NCP1054, NCP1055 (ID = 100 mA)
TJ = 25°C
TJ = 125°C
RDS(on)
22
42
10
23
30
55
15
28
W
Power Switch Circuit & Startup Breakdown Voltage
(ID(off) = 100 mA, TA = 25°C)
V(BR)DS
700
V
Power Switch Circuit & Startup Circuit Off−State Leakage Current
(VDS = 650 V) TJ = 25°C
(VDS = 650 V) TJ = 125°C
IDS(off)
25
15
40
80
mA
Switching Characteristics (RL = 50 W, VDS set for ID = 0.7 IIim)
Turn−on Time (90% to 10%)
Turn−off Time (10% to 90%)
ton
toff
20
10
ns
CURRENT LIMIT AND THERMAL PROTECTION
Current Limit Threshold (TJ = 25°C) (Note 5)
NCP1050
NCP1051
NCP1052
NCP1053
NCP1054
NCP1055
Ilim
93
186
279
372
493
632
100
200
300
400
530
680
107
214
321
428
567
728
mA
Conversion Power Deviation (TJ = 25°C) (Note 6)
I2fOSC
0
10
%A2Hz
Propagation Delay, Current Limit Threshold to Power Switch Circuit Output
NCP1050, NCP1051, NCP1052
NCP1053, NCP1054, NCP1055
tPLH
135
160
ns
Thermal Protection (VCC = 8.6 V) (Note 2, 3, 4)
Shutdown (Junction Temperature Increasing)
Hysteresis (Junction Temperature Decreasing)
Tsd
TH
140
160
75
°C
STARTUP CONTROL
Startup/VCC Regulation
Startup Threshold/VCC Regulation Peak (VCC Increasing)
Minimum Operating/VCC Valley Voltage After Turn−On
Hysteresis
VCC(on)
VCC(off)
VH
8.0
7.0
8.5
7.5
1.0
9.0
8.0
V
Undervoltage Lockout Threshold Voltage, VCC Decreasing
VCC(reset)
4.0
4.5
5.0
V
Startup Circuit Output Current (Power Switch Circuit Output = 40 V)
VCC = 0 V
TJ = 25°C
TJ = −40 to 125°C
VCC = VCC(on) − 0.2 V
TJ = 25°C
TJ = −40 to 125°C
Istart
5.4
4.5
4.6
3.5
6.3
5.6
7.2
8.0
6.6
7.0
mA
Minimum Start−up Drain Voltage (Istart = 0.5 mA, VCC = VCC(on) − 0.2 V)
Vstart(min)
13.4
20
V
Output Fault Condition Auto Restart
(VCC Capacitor = 10 mF, Power Switch Circuit Output = 40 V)
Average Switching Duty Cycle
Frequency
Drst
frst
6.0
3.5
%
Hz
2. Tested junction temperature range for the NCP105X series:
Tlow = −40°CThigh = +125°C
3. Maximum package power dissipation limits must be observed.
4. Guaranteed by design only.
5. Adjust di/dt to reach Ilim in 4.0 msec.
6. Consult factory for additional options including test and trim for output power accuracy.


Similar Part No. - NCP1054ST100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1054ST100T3G ONSEMI-NCP1054ST100T3G Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
More results

Similar Description - NCP1054ST100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050 Datasheet
246Kb / 24P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
July, 2003 ??Rev. 7
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com