Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8822QBDBT Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8822QBDBT
Description  16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8822QBDBT Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC8822QBDBT Datasheet HTML 2Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 3Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 4Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 5Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 6Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 7Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 8Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 9Page - Burr-Brown (TI) DAC8822QBDBT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
TIMING AND FUNCTIONAL INFORMATION
t
WR
t
DS
t
DH
t
LWD
t
LDAC
t
RST
WR
DATA
t
AS
t
AH
A0/1
LDAC
RS
TIMING CHARACTERISTICS
DAC8822
SBAS390A – DECEMBER 2006 – REVISED MARCH 2007
Figure 1. Timing Diagram
All specifications at TA = –40°C to +125°C, IOUT = virtual GND, GND = 0V, and VREF = 10V, unless otherwise noted
DAC8822
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = +5.0V
10
ns
Data to WR setup time
tDS
VDD = +2.7V
10
ns
VDD = +5.0V
10
ns
A0/1 to WR setup time
tAS
VDD = +2.7V
10
ns
VDD = +5.0V
0
ns
Data to WR hold time
tDH
VDD = +2.7V
0
ns
VDD = +5.0V
0
ns
A0/1 to WR hold time
tAH
VDD = +2.7V
0
ns
VDD = +5.0V
10
ns
WR pulse width
tWR
VDD = +2.7V
10
ns
VDD = +5.0V
10
ns
LDAC pulse width
tLDAC
VDD = +2.7V
10
ns
VDD = +5.0V
10
ns
RS pulse width
tRST
VDD = +2.7V
10
ns
VDD = +5.0V
0
ns
WR to LDAC delay time
tLWD
VDD = +2.7V
0
ns
6
Submit Documentation Feedback


Similar Part No. - DAC8822QBDBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBTG4 BURR-BROWN-DAC8822QBDBTG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBTR BURR-BROWN-DAC8822QBDBTR Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBTRG4 BURR-BROWN-DAC8822QBDBTRG4 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8822QBDBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com