Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD829AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD829AR
Description  High Speed, Low Noise Video Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD829AR Datasheet HTML 7Page - Analog Devices AD829AR Datasheet HTML 8Page - Analog Devices AD829AR Datasheet HTML 9Page - Analog Devices AD829AR Datasheet HTML 10Page - Analog Devices AD829AR Datasheet HTML 11Page - Analog Devices AD829AR Datasheet HTML 12Page - Analog Devices AD829AR Datasheet HTML 13Page - Analog Devices AD829AR Datasheet HTML 14Page - Analog Devices AD829AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. G
AD829
–11–
Table I. Component Selection for Shunt Compensation
Slew
Follower
Inverter
R1
R2
CL
CCOMP
Rate
–3 dB Small Signal
Gain
Gain
( )( )
(pF)
(pF)
(V/ s)
Bandwidth (MHz)
1Open
100
0
68
16
66
2–1
1 k
1 k5
25
38
71
5–4
511
2.0 k
1
7
90
76
10
–9
226
2.05 k
0
3
130
65
20
–19
105
2 k
0
0
230
55
25
–24
105
2.49
0
0
230
39
100
–99
20
2 k
0
0
230
7.5
Table I gives the recommended CCOMP and CLEAD values, as
well as the corresponding slew rates and bandwidth. The capacitor
values were selected to provide a small signal frequency response
with less than 1 dB of peaking and less than 10% overshoot. For
this table, supply voltages of
±15 V should be used. Figure 9 is
a graphical extension of the table that shows the slew rate/gain
trade-off for lower closed-loop gains, when using the shunt
compensation scheme.
NOISE GAIN
100
1
1
100
10
10
10
100
1k
SLEW RATE
VS = 15V
CCOMP
Figure 9. Value of CCOMP and Slew Rate vs. Noise Gain
Current Feedback Compensation
Bipolar, nondegenerated, single pole, and internally compensated
amplifiers have their bandwidths defined as
fT
=
1
2
π r
e CCOMP
=
I
2
π
kT
q
CCOMP
where
fT is the unity gain bandwidth of the amplifier.
I is the collector current of the input transistor.
CCOMP is the compensation capacitance.
re is the inverse of the transconductance of the input transistors.
kT/q approximately equals 26 mV @ 27
°C.
Since both fT and slew rate are functions of the same variables,
the dynamic behavior of an amplifier is limited. Since
Slew Rate
=
2I
CCOMP
then
Slew Rate
fT
= 4 π
kT
q
This shows that the slew rate will be only 0.314 V/
µs for every
MHz of bandwidth. The only way to increase slew rate is to
increase the fT, and that is difficult because of process limitations.
Unfortunately, an amplifier with a bandwidth of 10 MHz can
only slew at 3.1 V/
µs, which is barely enough to provide a full
power bandwidth of 50 kHz.
The AD829 is especially suited to a new form of compensation
that allows for the enhancement of both the full power band-
width and slew rate of the amplifier. The voltage gain from the
inverting input pin to the compensation pin is large; therefore, if
a capacitance is inserted between these pins, the amplifier’s
bandwidth becomes a function of its feedback resistor and the
capacitance. The slew rate of the amplifier is now a function of
its internal bias (2I) and the compensation capacitance.
Since the closed-loop bandwidth is a function of RF and CCOMP
(Figure 10), it is independent of the amplifier closed-loop gain,
as shown in Figure 12. To preserve stability, the time constant
of RF and CCOMP needs to provide a bandwidth of less than
65 MHz. For example, with CCOMP = 15 pF and RF = 1 k
Ω, the
small signal bandwidth of the AD829 is 10 MHz. Figure 11 shows
that the slew rate is in excess of 60 V/
µs. As shown in Figure 12,
the closed-loop bandwidth is constant for gains of –1 to –4; this is
a property of current feedback amplifiers.
FOR C1
OF CCOMP
CCOMP SHOULD NEVER EXCEED
15pF FOR THIS CONNECTION
0pF
15pF
<7pF
7pF
50
50
COAX
CABLE
–VS
0.1 F
0.1 F
AD829
RF
VOUT
R1
+VS
VIN
RL
1k
IN4148
CCOMP
C1*
*RECOMMENDED VALUE
Figure 10. Inverting Amplifier Connection Using Current
Feedback Compensation


Similar Part No. - AD829AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829AR AD-AD829AR Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829AR AD-AD829AR Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829AR AD-AD829AR Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829AR-EBZ AD-AD829AR-EBZ Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829AR-EBZ AD-AD829AR-EBZ Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

Similar Description - AD829AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com