Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYQ30ED-150 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYQ30ED-150
Description  Rectifier diodes ultrafast, rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ30ED-150 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYQ30ED-150 Datasheet HTML 1Page - NXP Semiconductors BYQ30ED-150 Datasheet HTML 2Page - NXP Semiconductors BYQ30ED-150 Datasheet HTML 3Page - NXP Semiconductors BYQ30ED-150 Datasheet HTML 4Page - NXP Semiconductors BYQ30ED-150 Datasheet HTML 5Page - NXP Semiconductors BYQ30ED-150 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ30ED series
ultrafast, rugged
Fig.7. Maximum I
rrm at Tj = 25 ˚C.
Fig.8. Maximum I
rrm at Tj = 100 ˚C.
Fig.9. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.10. Maximum Q
s at Tj = 25 ˚C.
Fig.11. Transient thermal impedance; Z
th j-mb = f(tp).
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
10
1.0
1.0
10
100
-dIF/dt (A/us)
Qs / nC
IF=10A
5A
2A
1A
100
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
0.1
0.01
10 s
0.1 s
1 ms
10 us
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
10
1
P
tp
t
D
0
0.5
1
1.5
2
0
5
10
15
20
BYQ30
Forward voltage, VF (V)
Forward current, IF (A)
typ
max
Tj = 25 C
Tj = 150 C
October 1997
4
Rev 1.000


Similar Part No. - BYQ30ED-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30ED-150 PHILIPS-BYQ30ED-150 Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
More results

Similar Description - BYQ30ED-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com