Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7400EB Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-AD7400EB
Description  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7400EB Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-AD7400EB Datasheet HTML 6Page - Analog Devices EVAL-AD7400EB Datasheet HTML 7Page - Analog Devices EVAL-AD7400EB Datasheet HTML 8Page - Analog Devices EVAL-AD7400EB Datasheet HTML 9Page - Analog Devices EVAL-AD7400EB Datasheet HTML 10Page - Analog Devices EVAL-AD7400EB Datasheet HTML 11Page - Analog Devices EVAL-AD7400EB Datasheet HTML 12Page - Analog Devices EVAL-AD7400EB Datasheet HTML 13Page - Analog Devices EVAL-AD7400EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7400
Rev. A | Page 10 of 20
–200
100
50
–50
0
–100
–150
–45 –35 –25 –15 –5
5 15253545 55 65758595 105
TEMPERATURE (°C)
VDD1 =VDD2 =4.5V
VDD1 =VDD2 = 5.25V
VDD1 =VDD2 =5V
Figure 12. Offset Drift vs. Temperature for Various Supply Voltages
VDD1 = VDD2 = 4.5V
–0.20
0.20
0.15
–0.05
0
0.05
0.10
–0.10
–0.15
–45 –35 –25 –15 –5 5 152535 455565758595 105
TEMPERATURE (°C)
VDD1 = VDD2 = 5V
VDD1 = VDD2 = 5.25V
Figure 13 . Gain Error Drift vs. Temperature for Various Supply Voltages
0.0089
0.0090
0.0091
0.0092
0.0093
0.0094
0.0095
0.0096
0.0097
0.0098
0.0099
VIN DC INPUT VOLTAGE (V)
VDD1 = VDD2 = 5V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. IDD1 vs. VIN at Various Temperatures
0.0030
0.0031
0.0032
0.0033
0.0034
0.0035
0.0036
VIN DC INPUT VOLTAGE (V)
VDD1 = VDD2 = 5V
IDD2 @ +85°C
IDD2 @ –40°C
IDD2 @ +25°C
Figure 15. IDD2 vs. VIN at Various Temperatures
VIN+ DC INPUT (V)
VDD1 = VDD2 = 4.5V TO 5.25V
9
6
3
0
–3
–6
–9
Figure 16. IIN vs. VIN+ DC Input
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
1
10
100
1000
10000
0.1
RIPPLE FREQUENCY (kHz)
Figure 17. CMRR vs. Common-Mode Ripple Frequency


Similar Part No. - EVAL-AD7400EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7400EDZ AD-EVAL-AD7400EDZ Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
More results

Similar Description - EVAL-AD7400EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com