Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8021ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8021ARZ
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD8021ARZ Datasheet HTML 1Page - Analog Devices AD8021ARZ Datasheet HTML 2Page - Analog Devices AD8021ARZ Datasheet HTML 3Page - Analog Devices AD8021ARZ Datasheet HTML 4Page - Analog Devices AD8021ARZ Datasheet HTML 5Page - Analog Devices AD8021ARZ Datasheet HTML 6Page - Analog Devices AD8021ARZ Datasheet HTML 7Page - Analog Devices AD8021ARZ Datasheet HTML 8Page - Analog Devices AD8021ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8021
Rev. F | Page 5 of 28
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing
−10.2 to +9.8
−10.6 to +10.2
V
Linear Output Current
70
mA
Short-Circuit Current
115
mA
Capacitive Load Drive for 30% Overshoot
VO = 50 mV p-p/1 V p-p
15/120
pF
DISABLE CHARACTERISTICS
Off Isolation
f = 10 MHz
−40
dB
Turn-On Time
VO = 0 V to 2 V, 50% logic to 50% output
45
ns
Turn-Off Time
VO = 0 V to 2 V, 50% logic to 50% output
50
ns
DISABLE Voltage—Off/On
VDISABLE − VLOGIC REFERENCE
1.80/1.95
V
Enabled Leakage Current
LOGIC REFERENCE = 0.4 V
70
μA
DISABLE = 4.0 V
2
μA
Disabled Leakage Current
LOGIC REFERENCE = 0.4 V
30
μA
DISABLE = 0.4 V
33
μA
POWER SUPPLY
Operating Range
±2.25
±5
±12.0
V
Quiescent Current
Output enabled
7.8
8.6
mA
Output disabled
1.7
2.0
mA
+Power Supply Rejection Ratio
VCC = 11 V to 13 V, VEE = −12 V
−86
−96
dB
−Power Supply Rejection Ratio
VCC = 12 V, VEE = −13 V to −11 V
−86
−100
dB
VS = 5 V, @ TA = 25°C, RL = 1 kΩ, gain = +2, unless otherwise noted.
Table 3.
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, CC = 10 pF, VO = 0.05 V p-p
270
305
MHz
G = +2, CC = 7 pF, VO = 0.05 V p-p
155
190
MHz
G = +5, CC = 2 pF, VO = 0.05 V p-p
135
165
MHz
G = +10, CC = 0 pF, VO = 0.05 V p-p
95
130
MHz
Slew Rate, 1 V Step
G = +1, CC = 10 pF
80
110
V/μs
G = +2, CC = 7 pF
110
140
V/μs
G = +5, CC = 2 pF
210
280
V/μs
G = +10, CC = 0 pF
290
390
V/μs
Settling Time to 0.01%
VO = 1 V step, RL = 500 Ω
28
ns
Overload Recovery (50%)
0 V to 2.5 V input step, G = +2
40
ns
DISTORTION/NOISE PERFORMANCE
f = 1 MHz
HD2
VO = 2 V p-p
−84
dBc
HD3
VO = 2 V p-p
−91
dBc
f = 5 MHz
HD2
VO = 2 V p-p
−68
dBc
HD3
VO = 2 V p-p
−81
dBc
Input Voltage Noise
f = 50 kHz
2.1
2.6
nV/√Hz
Input Current Noise
f = 50 kHz
2.1
pA/√Hz


Similar Part No. - AD8021ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8021ARZ AD-AD8021ARZ Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021ARZ-REEL AD-AD8021ARZ-REEL Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021ARZ-REEL7 AD-AD8021ARZ-REEL7 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
More results

Similar Description - AD8021ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8021 AD-AD8021 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP37GPZ AD-OP37GPZ Datasheet
490Kb / 16P
   Low Noise, Precision, High Speed tional Amplifier
REV. B
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com