Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD829JCHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # AD829JCHIPS
Description  High Speed, Low Noise Video Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JCHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD829JCHIPS Datasheet HTML 2Page - Analog Devices AD829JCHIPS Datasheet HTML 3Page - Analog Devices AD829JCHIPS Datasheet HTML 4Page - Analog Devices AD829JCHIPS Datasheet HTML 5Page - Analog Devices AD829JCHIPS Datasheet HTML 6Page - Analog Devices AD829JCHIPS Datasheet HTML 7Page - Analog Devices AD829JCHIPS Datasheet HTML 8Page - Analog Devices AD829JCHIPS Datasheet HTML 9Page - Analog Devices AD829JCHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. G
–6–
AD829–Typical Performance Characteristics
SUPPLY VOLTAGE ( V)
20
15
0
10
5
020
510
15
+VOUT
–VOUT
TPC 1. Input Common-Mode
Range vs. Supply Voltage
SUPPLY VOLTAGE ( V)
6.0
5.5
4.0
5.0
4.5
020
510
15
TPC 4. Quiescent Current vs.
Supply Voltage
7
6
5
4
3
60
–20
–0
20
40
60
80 100
140
40
120
TEMPERATURE ( C)
VS = 5V
VS = 15V
TPC 7. Quiescent Current vs.
Temperature
SUPPLY VOLTAGE (±V)
20
15
0
10
5
020
510
15
+VOUT
–VOUT
RLOAD = 1k
TPC 2. Output Voltage Swing
vs. Supply Voltage
5
4
3
2
60
–20
–0
20
40
60
80 100
140
40
120
TEMPERATURE ( C)
VS = 5V, 15V
TPC 5. Input Bias Current vs.
Temperature
40
35
30
25
20
15
60
–20
–0
20
40
60
80 100
140
40
120
AMBIENT TEMPERATURE ( C)
VS = 5V
NEGATIVE
CURRENT LIMIT
POSITIVE
CURRENT LIMIT
TPC 8. Short-Circuit Current
Limit vs. Temperature
30
25
20
15
10
5
0
10
100
1k
10k
LOAD RESISTANCE ( )
5 V
SUPPLIES
15 V
SUPPLIES
TPC 3. Output Voltage Swing
vs. Resistive Load
100
10
1
0.1
0.01
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0.001
AV = +1
CCOMP = 68pF
AV = +20
CCOMP = 0pF
TPC 6. Closed-Loop Output
Impedance vs. Frequency
65
60
55
50
45
60
–20
–0
20
40
60
80 100
140
40
120
TEMPERATURE ( C)
VS = ±15V
AV = +20
CCOMP = 0pF
TPC 9. –3 dB Bandwidth vs.
Temperature


Similar Part No. - AD829JCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829JCHIPS AD-AD829JCHIPS Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829JCHIPS AD-AD829JCHIPS Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829JCHIPS AD-AD829JCHIPS Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

Similar Description - AD829JCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com