Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8318 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8318
Rev. A | Page 10 of 24
j2
–j2
j0.5
–j0.5
j0.2
–j0.2
0
0.2
0.5
1
2
START FREQUENCY = 0.1GHz
STOP FREQUENCY = 8GHz
j1
–j1
5.8GHz
8GHz
3.6GHz
2.2GHz
1.9GHz
0.9GHz
0.1GHz
Figure 15. Input Impedance vs. Frequency; No Termination Resistor on INHI,
ZO = 50 Ω
0.07
0
0.01
0.02
0.03
0.04
0.05
0.06
1.4
1.5
1.6
1.7
1.8
VENBL (V)
DECREASING VENBL
INCREASING VENBL
Figure 16. Supply Current vs. Enable Voltage
20ns PER HORIZONTAL DIVISION
VOUT
GND
200mV/VERTICAL
DIVISION
PULSED RF INPUT 0.1GHz,
–10dBm
Figure 17. VOUT Pulse Response Time; Pulsed RF Input 0.1 GHz, –10 dBm;
CLPF = Open
10k
1k
100
10
1
3
10
30
100
300
1k
3k
10k
FREQUENCY (kHz)
–40dBm
–20dBm
–10dBm
0dBm
RF OFF
–60dBm
Figure 18. Noise Spectral Density of Output; CLPF = Open
1k
100
10
1
3
10
30
100
300
1k
3k
10k
FREQUENCY (kHz)
Figure 19. Noise Spectral Density of Output Buffer (from CLPF to VOUT);
CLPF = 0.1
μF
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
Figure 20. Output Voltage Stability vs. Supply Voltage at 1.9 GHz
When VP Varies by 10%, Multiple Devices


Similar Part No. - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318 Datasheet
218Kb / 3P
   Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
AD8318 AD-AD8318 Datasheet
247Kb / 5P
   Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
More results

Similar Description - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com