Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8315ACP-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8315ACP-REEL7
Description  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ACP-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8315ACP-REEL7 Datasheet HTML 3Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8315
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0.2
0
–10
–20
–30
–40
–50
–60
–70
–80
0.1GHz
0.9GHz
1.9GHz
2.5GHz
23
13
3
–7
–17
–27
–37
–47
–57
–67
10
0.4
0.6
0.8
1.0
1.2
1.4
VSET (V)
Figure 3. Input Amplitude vs. VSET
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
4
3
2
1
0
–1
–2
–3
–4
–30°C
+85°C
+25°C
–30°C
+25°C
+85°C
(+3dBm)
(–47dBm)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSET (V)
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 4. Input Amplitude and Log Conformance vs. VSET at 0.1 GHz
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
4
3
2
1
0
–1
–2
–3
–4
–30°C
+85°C
+25°C
–30°C
+25°C
+85°C
(+3dBm)
(–47dBm)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSET (V)
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 5. Input Amplitude and Log Conformance vs. VSET at 0.9 GHz
0.2
4
3
2
1
0
–1
–2
–3
–4
0.1GHz
0.9GHz
1.9GHz
2.5GHz
1.6
0.4
0.6
0.8
1.0
1.2
1.4
VSET (V)
Figure 6. Log Conformance vs. VSET
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
4
3
2
1
0
–1
–2
–3
–4
–30°C
+85°C
+25°C
+25°C
+85°C
–30°C
(+3dBm)
(–47dBm)
0.30.5
0.70.9
1.1
1.3
1.5
VSET (V)
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 7. Input Amplitude and Log Conformance vs. VSET at 1.9 GHz
0.1
10
0
–10
–20
–30
–40
–50
–60
–70
4
3
2
1
0
–1
–2
–3
–4
–30°C
+85°C
+25°C
–30°C
+85°C
+25°C
(+3dBm)
(–47dBm)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSET (V)
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 8. Input Amplitude and Log Conformance vs. VSET at 2.5 GHz


Similar Part No. - AD8315ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315ACP-REEL7 AD-AD8315ACP-REEL7 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
More results

Similar Description - AD8315ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com