Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C30GEL27 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C30GEL27
Description  DIGITAL SIGNAL PROCESSOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C30GEL27 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C30GEL27 Datasheet HTML 1Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 2Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 3Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 4Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 5Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 6Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 7Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 8Page - Texas Instruments TMS320C30GEL27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
TMS320C30
DIGITAL SIGNAL PROCESSOR
SPRS032A – APRIL 1996 – REVISED JUNE 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C30 GEL Pin Assignments (Alphabetical)
PIN
PIN
PIN
PIN
PIN
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
A0
A1
A2
A3
A4
F15
G12
G13
G14
G15
D8
D9
D10
D11
D12
B5
C6
A5
B6
D7
EMU6
FSR0
FSR1
FSX0
FSX1
M6
P3
M3
R2
P1
VBBP
VDD
VDD
VDD
VDD
D3
D8
H4
H12
M8
XD15
XD16
XD17
XD18
XD19
R10
M9
P10
R11
N10
A5
A6
A7
A8
A9
H15
H14
J15
J14
J13
D13
D14
D15
D16
D17
A6
C7
B7
A7
A8
H1
H3
HOLD
HOLDA
IACK
B3
A1
F3
E2
G1
VSS
VSS
VSS
VSS
VSUBS
C8
H3
H13
N8
E4
XD20
XD21
XD22
XD23
XD24
P11
R12
M10
N11
P12
A10
A11
A12
A13
A14
K15
J12
K14
L15
K13
D18
D19
D20
D21
D22
B8
A9
B9
C9
A10
INT0
INT1
INT2
INT3
IODVDD
H2
H1
J1
J2
L8
X1
X2/CLKIN
XA0
XA1
XA2
C2
B1
A13
A14
D11
XD25
XD26
XD27
XD28
XD29
R13
R14
M11
N12
P13
A15
A16
A17
A18
A19
L14
M15
K12
L13
M14
D23
D24
D25
D26
D27
D9
B10
A11
C10
B11
IODVDD
IOSTRB
IVSS
LOCATOR
MC/MP
M12
F4
B14
E5
D15
XA3
XA4
XA5
XA6
XA7
C12
B13
A15
B15
C14
XD30
XD31
XF0
XF1
XRDY
R15
P15
G2
G3
D2
A20
A21
A22
A23
ADVDD
N15
M13
L12
N14
D12
D28
D29
D30
D31
DDVDD
A12
D10
C11
B12
D4
MDVDD
MSTRB
PDVDD
RDY
RESET
H5
E3
M4
E1
F1
XA8
XA9
XA10
XA11
XA12
E12
D13
C15
D14
E13
XR/W
D1
ADVDD
CLKR0
CLKR1
CLKX0
CLKX1
H11
N4
L4
M5
N2
DDVDD
DR0
DR1
DVSS
DVSS
E8
R1
N1
C3
C13
RSV0
RSV1
RSV2
RSV3
RSV4
J3
J4
K1
K2
L1
XD0
XD1
XD2
XD3
XD4
R4
P5
N6
R5
P6
CVSS
CVSS
D0
D1
D2
B2
P14
C4
D5
A2
DVSS
DVSS
DX0
DX1
EMU0
N3
N13
R3
P2
F14
RSV5
RSV6
RSV7
RSV8
RSV9
K3
L2
K4
M1
L3
XD5
XD6
XD7
XD8
XD9
M7
R6
N7
P7
R7
D3
D4
D5
D6
D7
A3
B4
C5
D6
A4
EMU1
EMU2
EMU3
EMU4/SHZ
EMU5
E15
F13
E14
F12
C1
RSV10
R/W
STRB
TCLK0
TCLK1
M2
G4
F2
P4
N5
XD10
XD11
XD12
XD13
XD14
P8
R8
R9
P9
N9
† ADVDD, CVSS, DDVDD, DVSS, IODVDD, IVSS, MDVDD, PDVDD, VDD, and VSS pins are on a common plane internal to the device.


Similar Part No. - TMS320C30GEL27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C30GEL27 TI-TMS320C30GEL27 Datasheet
829Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30GEL27 TI-TMS320C30GEL27 Datasheet
722Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30GEL27 TI1-TMS320C30GEL27 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C30GEL27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com