Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8314ACPZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8314ACPZ-RL7
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ACPZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8314ACPZ-RL7 Datasheet HTML 3Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 4Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 5Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 6Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 7Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 8Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 9Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 10Page - Analog Devices AD8314ACPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8314
Rev. B | Page 7 of 20
–40°C
23
18
02
.5
55
–75
02.5
FREQUENCY (GHz)
FREQUENCY (GHz)
+85°C
+25°C
22
21
20
19
0.5
1.0
1.5
2.0
Figure 10. Slope vs. Frequency; −40°C, +25°C, and +85°C
22
19
2.5
5.5
VS (V)
21
20
3.0
3.5
4.0
4.5
5.0
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 11. VUP Slope vs. Supply Voltage
3500
0
02.5
FREQUENCY (GHz)
0
–1400
–1200
–1000
–800
–600
–400
–200
3000
2500
2000
1500
1000
500
0.5
1.0
1.5
2.0
X
R
FREQUENCY (GHz)
0.1
0.9
1.9
2.5
- jXΩ
- j748Ω
- j106Ω
- j80Ω
- j141Ω
R ||
3030 ||
760 ||
301 ||
90 ||
R
X
Figure 12. Input Impedance
–60
–65
–70
–40°C
+25°C
+85°C
0.5
1.0
1.5
2.0
Figure 13. VUP Intercept vs. Frequency; −40°C, +25°C, and +85°C
–61
–67
2.5
5.5
VS (V)
0.1GHz
0.9GHz
1.9GHz
2.5GHz
–62
–63
–64
–65
–66
3.0
3.5
4.0
4.5
5.0
Figure 14. VUP Intercept vs. Supply Voltage
6
–1
0.2
2.6
VENBL (V)
5
4
3
2
1
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
INCREASING
VENBL
DECREASING
VENBL
Figure 15. Supply Current vs. ENBL Voltage, VS = 3 V


Similar Part No. - AD8314ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314ACPZ-RL7 AD-AD8314ACPZ-RL7 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ACPZ-RL7 AD-AD8314ACPZ-RL7 Datasheet
522Kb / 20P
   RF Detector/Controller
More results

Similar Description - AD8314ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
AD8314 AD-AD8314 Datasheet
274Kb / 16P
   100 MHz-2500 MHz 45 dB RF Detector/Controller
REV. 0
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com