Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8328ARQZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8328ARQZ
Description  5 V Upstream Cable Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ARQZ Datasheet(HTML) 4 Page - Analog Devices

  AD8328ARQZ Datasheet HTML 1Page - Analog Devices AD8328ARQZ Datasheet HTML 2Page - Analog Devices AD8328ARQZ Datasheet HTML 3Page - Analog Devices AD8328ARQZ Datasheet HTML 4Page - Analog Devices AD8328ARQZ Datasheet HTML 5Page - Analog Devices AD8328ARQZ Datasheet HTML 6Page - Analog Devices AD8328ARQZ Datasheet HTML 7Page - Analog Devices AD8328ARQZ Datasheet HTML 8Page - Analog Devices AD8328ARQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8328
Rev. A | Page 4 of 20
1 TOKO 458 PT-1087 used for above specifications. Typical insertion loss of 0.3 dB @ 10 MHz.
2 Guaranteed by design and characterization to ±4 sigma for TA = 25°C.
3 Measured through a 2:1 transformer.
4 Specification is worst case over all gain codes.
5 Guaranteed by design and characterization to ±3 sigma for TA = 25°C.
6 VIN = 29 dBmV, QPSK modulation, 160 kSPS symbol rate.
LOGIC INPUTS (TTL-/CMOS-COMPATIBLE LOGIC)
DATEN, CLK, SDATA, TXEN, SLEEP, VCC = 5 V; full temperature range.
Table 2.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.1
5.0
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current (VINH = 5 V) CLK, SDATA, DATEN
0
20
nA
Logic 0 Current (VINL = 0 V) CLK, SDATA, DATEN
–600
–100
nA
Logic 1 Current (VINH = 5 V) TXEN
50
190
μA
Logic 0 Current (VINL = 0 V) TXEN
−250
−30
μA
Logic 1 Current (VINH = 5 V) SLEEP
50
190
μA
Logic 0 Current (VINL = 0 V) SLEEP
−250
−30
μA
TIMING REQUIREMENTS
Full temperature range, VCC = 5 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Clock Pulse Width (tWH)
16.0
ns
Clock Period (tC)
32.0
ns
Setup Time SDATA vs. Clock (tDS)
5.0
ns
Setup Time DATEN vs. Clock (tES)
15.0
ns
Hold Time SDATA vs. Clock (tDH)
5.0
ns
Hold Time DATEN vs. Clock (tEH)
3.0
ns
Input Rise and Fall Times, SDATA, DATEN, Clock (tR, tF)
10
ns


Similar Part No. - AD8328ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328ARQ AD-AD8328ARQ Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328ARQ-REEL AD-AD8328ARQ-REEL Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
More results

Similar Description - AD8328ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com