Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1005-FHL2N2S Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL1005-FHL2N2S
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1005-FHL2N2S Datasheet(HTML) 1 Page - TOKO, Inc

  LL1005-FHL2N2S Datasheet HTML 1Page - TOKO, Inc LL1005-FHL2N2S Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
R-LOG0703A
Meeting Your Needs
Multilayer Chip Inductors
TYPE
LL1005FHL
STANDARD PARTS SELECTION GUIDE
Unit: mm
L (mm)
W (mm)
T (mm)
A (mm)
1nH~68nH
1.0
±0.05 0.5±0.05 0.5±0.05 0.25±0.1
82nH~100nH
1.0
±0.1
0.5
±0.1
0.5
±0.1
0.25
±0.1
TYPE LL1005-FHL
Part Numbering
* Add tolerance to part number: S=
±0.3nH, J = ±5%
Testing Conditions: (1) L,Q: Agilent 4291A/B (Test fixture Agilent 16192A)
(2) SRF: Agilent 8719D, 8720D
(3) RDC: Agilent 4338A/B
The LL1005-FHL Series is a multilayer ceramic chip inductor
with an EIA standard 0402 footprint, lead-free terminations, and
expanded electrical specifications with respect to inductance,
Q, self-resonant frequency, and operating temperature range.
Features
• Inductance range: 1.0-100nH
• Miniature size: 0402 footprint (1.0mm x 0.5mm)
• Inductance specified at 100MHz and 800MHz
• Self-resonant frequency specified at
±15%
• Q: 8 ~ 50 typical (at 1800MHz)
• Temperature coefficient of inductance: +250ppm/
°C
• Temperature range: –55
°C to +125°C
• S-parameter data available upon request
• Packaged on tape and reel in 10,000 piece quantity
• Reflow solderable
• Lead-free terminations
LL 1005 - FHL 10N J
Tolerance
(S=
±0.3nH, J=±5%)
Inductance
Material
Dimensions (LxW)
Type Name
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
r
e
l
o
T
&
e
c
n
a
t
c
u
d
n
I
Q
.
n
i
m
)
.
p
y
T
(
Q
F
R
S
)
z
H
M
(
C
D
R
(
Ω )
.
x
a
m
C
D
I
)
A
m
(
.
x
a
m
z
H
M
0
0
1
t
az
H
M
)
0
0
5
(
0
0
8
t
a
o
LL
o
LL
.
q
e
r
F0
0
10
0
10
0
30
0
50
0
80
0
0
10
0
8
1
)
H
n
(*
.
l
o
T)
H
n
(*
.
l
o
T)
z
H
M
(z
H
Mz
H
Mz
H
Mz
H
Mz
H
Mz
H
Mz
H
M
S
0
N
1
L
H
F
-
5
0
0
1
L
L0
.
1S
3
9
.
0H
n
5
.
0
±0
0
87
7
.
85
.
5
10
.
1
25
.
5
25
.
1
35
.
2
4n
i
m
0
0
0
0
20
1
.
00
0
4
S
2
N
1
L
H
F
-
5
0
0
1
L
L2
.
1S1
.
1H
n
5
.
0
±0
0
87
0
.
95
.
6
10
.
1
22
.
7
20
.
1
35
.
2
4n
i
m
0
0
0
6
10
1
.
00
0
4
S
5
N
1
L
H
F
-
5
0
0
1
L
L5
.
1S4
.
1H
n
5
.
0
±0
0
88
6
.
95
.
7
15
.
2
21
.
8
25
.
1
30
.
4
4%
5
1
±
0
0
0
5
13
1
.
00
0
4
S
8
N
1
L
H
F
-
5
0
0
1
L
L8
.
1S7
.
1H
n
5
.
0
±0
0
88
0
.
95
.
6
10
.
1
27
.
6
20
.
0
35
.
0
4%
5
1
±
0
0
0
5
14
1
.
00
0
4
S
2
N
2
L
H
F
-
5
0
0
1
L
L2
.
2S0
.
2H
n
5
.
0
±0
0
88
0
.
0
15
.
7
10
.
3
26
.
9
20
.
3
35
.
4
4%
5
1
±
0
0
0
3
15
1
.
00
0
4
S
7
N
2
L
H
F
-
5
0
0
1
L
L7
.
2S5
.
2H
n
5
.
0
±0
0
88
9
.
90
.
8
10
.
4
23
.
0
30
.
5
30
.
9
4%
5
1
±
0
0
6
95
1
.
00
0
4
S
3
N
3
L
H
F
-
5
0
0
1
L
L3
.
3S1
.
3H
n
5
.
0
±0
0
88
7
.
90
.
7
10
.
3
25
.
8
25
.
3
35
.
7
4%
5
1
±
0
0
1
96
1
.
00
0
4
S
9
N
3
L
H
F
-
5
0
0
1
L
L9
.
3S7
.
3H
n
5
.
0
±0
0
88
9
.
95
.
8
15
.
4
22
.
9
25
.
5
30
.
0
5%
5
1
±
0
0
4
78
1
.
00
0
3
S
7
N
4
L
H
F
-
5
0
0
1
L
L7
.
4S4
.
4H
n
5
.
0
±0
0
89
2
.
0
10
.
8
10
.
3
23
.
0
30
.
3
35
.
2
4%
5
1
±
0
0
0
70
2
.
00
0
3
S
6
N
5
L
H
F
-
5
0
0
1
L
L6
.
5S3
.
5H
n
5
.
0
±0
0
89
7
.
0
15
.
8
15
.
4
27
.
1
30
.
4
30
.
4
4%
5
1
±
0
0
1
62
2
.
00
0
3
J
8
N
6
L
H
F
-
5
0
0
1
L
L8
.
6J5
.
6%
0
1
±0
0
89
8
.
0
15
.
8
10
.
4
23
.
1
35
.
4
30
.
3
4%
5
1
±
0
0
6
53
2
.
00
0
3
J
2
N
8
L
H
F
-
5
0
0
1
L
L2
.
8J9
.
7%
0
1
±0
0
89
3
.
1
10
.
0
20
.
6
21
.
3
30
.
7
30
.
6
4%
5
1
±
0
0
7
45
2
.
00
0
3
J
N
0
1
L
H
F
-
5
0
0
1
L
L0
1J
7
.
9%
0
1
±0
0
89
1
.
1
10
.
9
10
.
5
20
.
2
30
.
5
30
.
3
4%
5
1
±
0
0
3
40
3
.
00
0
3
J
N
2
1
L
H
F
-
5
0
0
1
L
L2
1J2
1%
0
1
±0
0
89
8
.
1
15
.
9
10
.
5
28
.
1
30
.
4
30
.
4
3%
5
1
±
0
0
3
30
4
.
00
0
3
J
N
5
1
L
H
F
-
5
0
0
1
L
L5
1J5
1%
0
1
±0
0
89
4
.
2
10
.
9
10
.
4
20
.
2
30
.
2
30
.
0
3%
5
1
±
0
0
8
20
5
.
00
0
3
J
N
8
1
L
H
F
-
5
0
0
1
L
L8
1J8
1%
0
1
±0
0
80
10
.
2
15
.
8
15
.
3
25
.
1
35
.
0
35
.
7
2%
5
1
±
0
0
8
20
6
.
00
0
3
J
N
2
2
L
H
F
-
5
0
0
1
L
L2
2J3
2%
0
1
±0
0
80
19
.
1
15
.
8
10
.
3
23
.
0
35
.
8
25
.
8
1%
5
1
±
0
0
5
20
7
.
00
0
3
J
N
7
2
L
H
F
-
5
0
0
1
L
L7
2J0
3%
0
1
±0
0
80
14
.
2
10
.
9
10
.
4
22
.
9
25
.
6
20
.
8%
5
1
±
0
0
1
25
8
.
00
0
3
J
N
3
3
L
H
F
-
5
0
0
1
L
L3
3J6
3%
0
1
±0
0
80
10
.
2
15
.
6
10
.
1
26
.
8
20
.
5
20
.
3
1%
5
1
±
0
0
1
20
0
.
10
0
2
J
N
9
3
L
H
F
-
5
0
0
1
L
L9
3J4
4%
0
1
±0
0
80
10
.
2
10
.
7
15
.
1
26
.
7
20
.
5
25
.
0
1%
5
1
±
0
0
9
10
1
.
10
0
2
J
N
7
4
L
H
F
-
5
0
0
1
L
L7
4J0
5%
0
1
±0
0
50
15
.
1
15
.
5
17
.
9
17
.
1
22
.
2
2—
%
5
1
±
0
0
5
10
3
.
10
0
2
J
N
6
5
L
H
F
-
5
0
0
1
L
L6
5J0
6%
0
1
±0
0
50
19
.
1
15
.
9
14
.
3
26
.
2
28
.
7
1—
%
5
1
±
0
0
4
10
5
.
10
0
2
J
N
8
6
L
H
F
-
5
0
0
1
L
L8
6J7
7%
0
1
±0
0
50
17
.
1
19
.
7
13
.
0
28
.
0
2—
%
5
1
±
0
0
3
10
7
.
10
8
1
J
N
2
8
L
H
F
-
5
0
0
1
L
L2
8J5
9%
0
1
±0
0
50
11
.
3
11
.
9
18
.
1
24
.
1
2—
%
5
1
±
0
5
1
10
9
.
10
5
1
J
0
1
R
L
H
F
-
5
0
0
1
L
L0
0
1J2
2
1%
0
1
±0
0
50
12
.
3
11
.
9
10
.
0
28
.
8
1—
%
5
1
±
0
3
0
10
2
.
20
5
1
L
W
T
A
Polarity Marking


Similar Part No. - LL1005-FHL2N2S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1005-FHL2N2S TOKO-LL1005-FHL2N2S Datasheet
194Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL1005-FHL2N2S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com