Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1400ASN22T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1400ASN22T1G
Description  100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400ASN22T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1400ASN22T1G Datasheet HTML 5Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 6Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 7Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 8Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 9Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 10Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 11Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 12Page - ON Semiconductor NCP1400ASN22T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP1400A
http://onsemi.com
9
020
25
15
10
5.0
30
80
60
40
20
0
1.6
0.6
0
1.6
1.4
1.2
1.0
0.8
0.6
0
80
60
40
20
0
80.0
60.0
40.0
20.0
0
1.6
1.4
1.2
1.0
IO, OUTPUT CURRENT (mA)
0.8
0.6
0.4
0.2
0
IO, OUTPUT CURRENT (mA)
Figure 26. NCP1400ASN19T1 Operation
Startup/Hold Voltage vs. Output Current
Figure 27. NCP1400ASN30T1 Operation
Startup/Hold Voltage vs. Output Current
Figure 28. NCP1400ASN50T1 Operation
Startup/Hold Voltage vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 29. NCP1400ASN19T1 Ripple Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 30. NCP1400ASN30T1 Ripple Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 31. NCP1400ASN50T1 Ripple Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
020
15
10
25
5.0
30
015
30
0
60
40
100
20
0
60
100
20
0
80
60
40
100
20
80
0.4
0.2
1.4
1.0
1.2
0.8
0.4
0.2
5.0
10
20
25
40
80
NCP1400ASN19T1
L = 22
mH
COUT = 68 mF
TA = 25°C
NCP1400ASN30T1
L = 22
mH
COUT = 68 mF
TA = 25°C
NCP1400ASN19T1
L = 22
mH
COUT = 68 mF
TA = 25°C
NCP1400ASN50T1
L = 22
mH
COUT = 68 mF
TA = 25°C
NCP1400ASN30T1
L = 22
mH
COUT = 68 mF
TA = 25°C
NCP1400ASN50T1
L = 22
mH
COUT = 68 mF
TA = 25°C
Vstart
VIN= 0.9 V
VIN= 1.2 V
Vhold
Vstart
Vhold
Vstart
Vhold
VIN= 1.5 V
VIN= 0.9 V
VIN= 3.0 V
VIN= 1.5 V
VIN= 2.0 V
VIN= 0.9 V
VIN= 1.5 V
VIN= 1.5 V
VIN= 2.0 V


Similar Part No. - NCP1400ASN22T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400ASN22T1G ONSEMI-NCP1400ASN22T1G Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP1400ASN22T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
   1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
logo
Texas Instruments
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
logo
Analog Devices
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
logo
ON Semiconductor
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
   FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com