Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E558HNA-100090 Datasheet(PDF) 2 Page - TOKO, Inc

Part # E558HNA-100090
Description  Molded Coils for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

E558HNA-100090 Datasheet(HTML) 2 Page - TOKO, Inc

  E558HNA-100090 Datasheet HTML 1Page - TOKO, Inc E558HNA-100090 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
Molded Coils for Surface Mounting
TYPE
MC152
continued from previous page
TYPE MC152 (cont'd)
With Case
TOKO
Number
Color
Part Number(1)
of Turns
C Range**
Q(2)
Code
Inductance(3)
Ferrite Core
E558CNA-100032
11/2
89.0pF
±1.5%
63
±20% (at 100MHz)
WHITE
28nH
E558CNA-100033
21/2
64.2pF
±2.0%
77
±20% (at 100MHz)
VIOLET
39nH
E558CNA-100034
31/2
48.2pF
±2.0%
76
±20% (at 100MHz)
ORANGE
53nH
E558CNA-100035
41/2
37.9pF
±2.0%
81
±20% (at 100MHz)
YELLOW
67nH
*E558CNA-100036
51/2
31.9pF
±2.0%
86
±20% (at 100MHz)
WHITE
79nH
*E558CNA-100037
61/2
27.0pF
±2.0%
80
±20% (at 100MHz)
BLUE
94nH
Brass Core
E558ANA-100050
11/2
92.2pF
±1.0%
58
±20% (at 100MHz)
WHITE
27nH
E558ANA-100051
21/2
73.6pF
±2.0%
55
±20% (at 100MHz)
VIOLET
34nH
E558ANA-100052
31/2
59.1pF
±2.0%
54
±20% (at 100MHz)
ORANGE
43nH
E558ANA-100053
41/2
48.7pF
±2.0%
52
±20% (at 100MHz)
YELLOW
52nH
E558ANA-100054
51/2
41.6pF
±2.0%
49
±20% (at 100MHz)
WHITE
61nH
E558ANA-100055
61/2
37.1pF
±2.0%
47
±20% (at 100MHz)
BLUE
68nH
Air Core
E558HNA-100090
11/2
90.7pF
±10%
60
±20% (at 100MHz)
WHITE
28nH
E558HNA-100091
21/2
68.2pF
±10%
70
±20% (at 100MHz)
VIOLET
37nH
E558HNA-100092
31/2
52.8pF
±10%
80
±20% (at 100MHz)
ORANGE
48nH
E558HNA-100093
41/2
42.7pF
±10%
80
±20% (at 100MHz)
YELLOW
59nH
E558HNA-100094
51/2
35.5pF
±10%
86
±20% (at 100MHz)
WHITE
71nH
E558HNA-100095
61/2
30.3pF
±10%
83
±20% (at 100MHz)
BLUE
84nH
* Minimum inductance values with core 2 turns above
top of bobbin.
** C Range shows tolerance.
STANDARD COILS SELECTION GUIDE


Similar Part No. - E558HNA-100090

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E55-21-K-H-14P-WZ6709 FERYSTER-E55-21-K-H-14P-WZ6709 Datasheet
206Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E55-21-KH-14P-WZ6709 FERYSTER-E55-21-KH-14P-WZ6709 Datasheet
206Kb / 1P
   PHOSPHOR BRONZE
logo
Ferroxcube Internationa...
E55-3C81 FERROXCUBE-E55-3C81 Datasheet
77Kb / 8P
   E cores and accessories
E55-3C81-E100 FERROXCUBE-E55-3C81-E100 Datasheet
77Kb / 8P
   E cores and accessories
E55-3C81-E160 FERROXCUBE-E55-3C81-E160 Datasheet
77Kb / 8P
   E cores and accessories
More results

Similar Description - E558HNA-100090

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
SA3M08 TOKO-SA3M08 Datasheet
84Kb / 1P
   Transponder Coils for Surface Mounting
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
836BN-0075Z TOKO-836BN-0075Z Datasheet
25Kb / 2P
   Variable Coils for Surface Mounting
5CCEG TOKO-5CCEG Datasheet
215Kb / 1P
   Valiable Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
SA3D12 TOKO-SA3D12_16 Datasheet
261Kb / 1P
   Transponder Coils for Surface Mounting
FSDV TOKO-FSDV Datasheet
26Kb / 2P
   Variable Coils for Surface Mounting
SA3D14 TOKO-SA3D14_16 Datasheet
279Kb / 1P
   Transponder Coils for Surface Mounting
SA3M12 TOKO-SA3M12 Datasheet
83Kb / 1P
   Transponder Coils for Surface Mounting
logo
XFMRS Inc.
XF101013-100309 XFMRS-XF101013-100309 Datasheet
35Kb / 1P
   MOLDED COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com