Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADT7516EB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADT7516EB
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7516EB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADT7516EB Datasheet HTML 1Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 2Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 3Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 4Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 5Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 6Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 7Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 8Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 3 of 44
SPECIFICATIONS
Temperature range is as follows: A version: −40°C to +120°C, VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.25 V, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
DAC DC PERFORMANCE2, 3
ADT7519
Resolution
8
Bits
Relative Accuracy
±0.15
±1
LSB
Differential Nonlinearity
±0.02
±0.25
LSB
Guaranteed monotonic over all codes
ADT7517
Resolution
10
Bits
Relative Accuracy
±0.5
±4
LSB
Differential Nonlinearity
±0.05
±0.5
LSB
Guaranteed monotonic over all codes
ADT7516
Resolution
12
Bits
Relative Accuracy
±2
±16
LSB
Differential Nonlinearity
±0.02
±0.9
LSB
Guaranteed monotonic over all codes
Offset Error
±0.4
±2
% of FSR
Gain Error
±0.3
±2
% of FSR
Lower Deadband
20
65
mV
Lower deadband exists only if offset error is
negative, see Figure 40
Upper Deadband
60
100
mV
Upper deadband exists if VREF = VDD and off-set
plus gain error is positive, see Figure 41
Offset Error Drift4
–12
ppm of FSR/°C
Gain Error Drift4
–5
ppm of FSR/°C
DC Power Supply Rejection Ratio4
–60
dB
∆VDD = ±10%
DC Crosstalk4
200
μV
See Figure 5
ADC DC ACCURACY
Maximum VDD = 5 V
Resolution
10
Bits
Total Unadjusted Error (TUE)
2
3
% of FSR
VDD = 2.7 V to 5.5 V
Total Unadjusted Error (TUE)
2
% of FSR
VDD = 3.3 V ±10%
Offset Error
±0.5
% of FSR
Gain Error
±2
% of FSR
ADC BANDWIDTH
DC
Hz
ANALOG INPUTS
Input Voltage Range
0
2.28
V
AIN1 to AIN4, C4 = 0 in Control Configuration 3
0
VDD
V
AIN1 to AIN4, C4 = 0 in Control Configuration 3
DC Leakage Current
±1
μA
Input Capacitance
5
20
pF
Input Resistance
10
THERMAL CHARACTERISTICS
Internal Temperature Sensor
Internal reference used, averaging on
Accuracy @ VDD = 3.3 V ±10%
±1.5
°C
TA = 85°C
±0.5
±3
°C
TA = 0°C to +85°C
±2
±5
°C
TA = –40°C to +120°C
Accuracy @ VDD = 5 V ±5%
±2
±3
°C
TA = 0°C to +85°C
±3
±5
°C
TA = –40°C to +120°C
Resolution
10
Bits
Equivalent to 0.25°C
Long-Term Drift
0.25
°C
Drift over 10 years if part is operated at 55°C


Similar Part No. - EVAL-ADT7516EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADT75EBZ AD-EVAL-ADT75EBZ Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
More results

Similar Description - EVAL-ADT7516EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com