Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1450ASN33T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1450ASN33T1G
Description  PWM Step?뭫p DC?묭C Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1450ASN33T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1450ASN33T1G Datasheet HTML 7Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 8Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 9Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 10Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 11Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 12Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 13Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 14Page - ON Semiconductor NCP1450ASN33T1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NCP1450A
http://onsemi.com
11
0.6
0.2
0.8
0.4
0.0
1.0
160
0.8
0.4
0.0
TEMPERATURE (
°C)
Figure 39. NCP1450ASN19T1 Startup/Hold
Voltage vs. Temperature
Figure 40. NCP1450ASN30T1 Startup/Hold
Voltage vs. Temperature
Figure 41. NCP1450ASN50T1 Startup/Hold
Voltage vs. Temperature
TEMPERATURE (
°C)
Figure 42. NCP1450ASN19T1 Ripple Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 43. NCP1450ASN30T1 Ripple Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 44. NCP1450ASN50T1 Ripple Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
1.0
0
800
600
400
200
1000
120
180
100
140
80
60
200
TEMPERATURE (
°C)
0.2
0.6
−50
50
25
0
−25
75
100
−50
50
25
0
−25
75
100
0.8
0.4
0.0
1.0
0.2
0.6
−50
50
25
0
−25
75
100
40
20
0
0
800
600
400
200
1000
0
800
600
400
200
1000
160
120
180
100
140
80
60
200
40
20
0
160
120
180
100
140
80
60
200
40
20
0
NCP1450ASN19T1
L = 22
mH
COUT = 0.1 mF
IO = 0 mA
Vhold
Vstart
Vhold
Vstart
Vhold
Vstart
NCP1450ASN30T1
L = 22
mH
COUT = 0.1 mF
IO = 0 mA
NCP1450ASN50T1
L = 22
mH
COUT = 0.1 mF
IO = 0 mA
NCP1450ASN19T1
L = 10
mH
Q = NTGS3446T1
COUT = 220 mF
TA = 25°C
NCP1450ASN50T1
L = 10
mH
Q = NTGS3446T1
COUT = 220 mF
TA = 25°C
NCP1450ASN30T1
L = 10
mH
Q = NTGS3446T1
COUT = 220 mF
TA = 25°C
VIN = 0.9 V
VIN = 0.9 V
VIN = 1.2 V
VIN = 1.5 V
VIN = 1.2 V
VIN = 1.5 V
VIN = 2.0 V
VIN = 2.5 V
VIN = 4.0 V
VIN = 4.5 V
VIN = 3.0 V
VIN = 2.0 V
VIN = 2.5 V
VIN = 0.9 V
VIN = 1.2 V
VIN = 1.5 V


Similar Part No. - NCP1450ASN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1450ASN33T1 ONSEMI-NCP1450ASN33T1 Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
More results

Similar Description - NCP1450ASN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1417 ONSEMI-NCP1417_06 Datasheet
338Kb / 13P
   200 mA DC?묭C Step?뭫p Converter with Dual Low Battery Protection
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com