Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDFS8A-5250X-10A Datasheet(PDF) 3 Page - TOKO, Inc

Part # TDFS8A-5250X-10A
Description  TDF series for Wireless LAN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFS8A-5250X-10A Datasheet(HTML) 3 Page - TOKO, Inc

  TDFS8A-5250X-10A Datasheet HTML 1Page - TOKO, Inc TDFS8A-5250X-10A Datasheet HTML 2Page - TOKO, Inc TDFS8A-5250X-10A Datasheet HTML 3Page - TOKO, Inc TDFS8A-5250X-10A Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TDF
Series
Chip Dielectric Filters
チップ誘電体フィルタ
PART NUMBERING SYSTEM / 品番構成
DIMENSIONS / 外形寸法
3
A
E
10
Bandwidth Code /通過帯域幅コード
Center Frequency /中心周波数
Profile Code / 形状コード(厚み)
TOKO's Type Name / 東光製品名
Specification Code / 仕様
#Poles / 素子数(A=2, B=3, C=4)
T D F M
1907
TDFS Type
2 Poles
3 Poles
4 Poles
TDFM Type
TDF Type
TDFH Type
T1
2.25 Max.
2.0 Max.
1.8 Max.
T2
2.8 Max.
2.25 Max.
2.0 Max.
T3
3.0 Max.
2.25 Max.
2.0 Max.
T4
5.5 Max.
4.0 Max.
•The length, L, is different depending on the part number.
Refer to the separate table.
長さ(L)は品番毎に異なります。
•For the details of shapes regarding individual part numbers, contact us separately.
個別品番に関する形状の詳細につきましては、別途お問い合わせ下さい。
;;
;;
;;
;;
;
;
;
;
;
;
;
;
;
;
3.2
L
L
L
L
L
L
L
L
L
L
L
L
4.5
4.5
5.7
8.5
11.5
6.5
9.0
6.5
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;
;;
;;
;
;
;
;
;
;
;
;
;
;
5.7
8.5
11.5
;;
;;
;
;;
;;
;
;
;
;
;
;
;
;
unit:mm
A
P
Solder Plate Less / 端子はんだめっきレス
Taping / テーピング


Similar Part No. - TDFS8A-5250X-10A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TDFS8A-1575A-10A TOKO-TDFS8A-1575A-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2326C-10A TOKO-TDFS8A-2326C-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2338B-11A TOKO-TDFS8A-2338B-11A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2338C-12A TOKO-TDFS8A-2338C-12A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2338E-10A TOKO-TDFS8A-2338E-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
More results

Similar Description - TDFS8A-5250X-10A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
   For wireless LAN
logo
Soshin electric Co., Lt...
MDR775M SOSHIN-MDR775M Datasheet
140Kb / 4P
   2.4GHz BPF for Wireless LAN
MDR762F SOSHIN-MDR762F Datasheet
140Kb / 4P
   5375MHz BPF for Wireless LAN
HMD835K SOSHIN-HMD835K Datasheet
179Kb / 3P
   5GHz BPF for Wireless LAN
MDR774M SOSHIN-MDR774M Datasheet
139Kb / 4P
   2.4GHz BPF for Wireless LAN
HMD966U SOSHIN-HMD966U Datasheet
117Kb / 3P
   5GHz Balun for Wireless LAN
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
HMD845H SOSHIN-HMD845H Datasheet
207Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
HMD888J SOSHIN-HMD888J Datasheet
151Kb / 4P
   Diplexer for Wireless LAN (2.4GHz/5GHz)
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
   Wireless LAN Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com