Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1530DM30R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1530DM30R2G
Description  600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1530DM30R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1530DM30R2G Datasheet HTML 3Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 4Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 5Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 6Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 7Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 8Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 9Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 10Page - ON Semiconductor NCP1530DM30R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1530
http://onsemi.com
7
ILOAD, OUTPUT LOAD CURRENT (mA)
50
60
70
80
90
100
1
10
100
1000
PWM
L = 5.6
mH, COUT = 22 mF
SYN 1.2 MHz
SYN 600 kHz
PWM/PFM
ILOAD, OUTPUT LOAD CURRENT (mA)
50
60
70
80
90
100
1
10
100
1000
PWM
L = 5.6
mH, COUT = 22 mF
SYN 1.2 MHz
SYN 600 kHz
PWM/PFM
ILOAD, OUTPUT LOAD CURRENT (mA)
50
60
70
80
90
100
1
10
100
1000
PWM
L = 5.6
mH, COUT = 22 mF
SYN 1.2 MHz
SYN 600 kHz
PWM/PFM
ILOAD, OUTPUT LOAD CURRENT (mA)
50
60
70
80
90
100
1
10
100
1000
PWM
L = 5.6
mH, COUT = 22 mF
SYN 1.2 MHz
SYN 600 kHz
PWM/PFM
Figure 15. Efficiency vs. Output Load Current
(VIN = 3.5 V, VOUT = 2.5 V)
ILOAD, OUTPUT LOAD CURRENT (mA)
50
60
70
80
90
100
1
10
100
1000
Figure 16. Efficiency vs. Output Load Current
(VIN = 5.0 V, VOUT = 2.5 V)
Figure 17. Efficiency vs. Output Load Current
(VIN = 3.7 V, VOUT = 2.7 V)
Figure 18. Efficiency vs. Output Load Current
(VIN = 5.0 V, VOUT = 2.7 V)
Figure 19. Efficiency vs. Output Load Current
(VIN = 4.0 V, VOUT = 3.0 V)
Figure 20. Efficiency vs. Output Load Current
(VIN = 5.0 V, VOUT = 3.0 V)
PWM
L = 5.6
mH, COUT = 22 mF
SYN 1.2 MHz
SYN 600 kHz
PWM/PFM
ILOAD, OUTPUT LOAD CURRENT (mA)
50
60
70
80
90
100
1
10
100
1000
PWM
L = 5.6
mH, COUT = 22 mF
SYN 1.2 MHz
SYN 600 kHz
PWM/PFM


Similar Part No. - NCP1530DM30R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530DM30R2G ONSEMI-NCP1530DM30R2G Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
More results

Similar Description - NCP1530DM30R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
   External Adjustable High Efficiency PFM Step-Down Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com