Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDFH5D-1960L-11A-01 Datasheet(PDF) 3 Page - TOKO, Inc

Part # TDFH5D-1960L-11A-01
Description  TDF series for Mobile & Cordless Phone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFH5D-1960L-11A-01 Datasheet(HTML) 3 Page - TOKO, Inc

  TDFH5D-1960L-11A-01 Datasheet HTML 1Page - TOKO, Inc TDFH5D-1960L-11A-01 Datasheet HTML 2Page - TOKO, Inc TDFH5D-1960L-11A-01 Datasheet HTML 3Page - TOKO, Inc TDFH5D-1960L-11A-01 Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TDF
Series
Chip Dielectric Filters
チップ誘電体フィルタ
PART NUMBERING SYSTEM / 品番構成
DIMENSIONS / 外形寸法
3
A
E
10
Bandwidth Code /通過帯域幅コード
Center Frequency /中心周波数
Profile Code / 形状コード(厚み)
TOKO's Type Name / 東光製品名
Specification Code / 仕様
#Poles / 素子数(A=2, B=3, C=4)
T D F M
1907
TDFS Type
2 Poles
3 Poles
4 Poles
TDFM Type
TDF Type
TDFH Type
T1
2.25 Max.
2.0 Max.
1.8 Max.
T2
2.8 Max.
2.25 Max.
2.0 Max.
T3
3.0 Max.
2.25 Max.
2.0 Max.
T4
5.5 Max.
4.0 Max.
•The length, L, is different depending on the part number.
Refer to the separate table.
長さ(L)は品番毎に異なります。
•For the details of shapes regarding individual part numbers, contact us separately.
個別品番に関する形状の詳細につきましては、別途お問い合わせ下さい。
;;
;;
;;
;;
;
;
;
;
;
;
;
;
;
;
3.2
L
L
L
L
L
L
L
L
L
L
L
L
4.5
4.5
5.7
8.5
11.5
6.5
9.0
6.5
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;
;;
;;
;
;
;
;
;
;
;
;
;
;
5.7
8.5
11.5
;;
;;
;
;;
;;
;
;
;
;
;
;
;
;
unit:mm
A
P
Solder Plate Less / 端子はんだめっきレス
Taping / テーピング


Similar Part No. - TDFH5D-1960L-11A-01

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
   Schottky Bridge Rectifiers
TDFH56S BILIN-TDFH56S Datasheet
450Kb / 4P
   Schottky Bridge Rectifiers
More results

Similar Description - TDFH5D-1960L-11A-01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
List of Unclassifed Man...
FVTO321S ETC2-FVTO321S Datasheet
140Kb / 1P
   VOTCXO FOR MOBILE PHONE
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
   Motor Driver for Mobile Phone
logo
MOSDESIGN SEMICONDUCTOR...
M09T MOSDESIGN-M09T Datasheet
146Kb / 2P
   MOBILE PHONE
2012-07-24
logo
Rohm
BU7285GU ROHM-BU7285GU Datasheet
447Kb / 8P
   Serial Interface for Mobile Phone
logo
Silicon Touch Technolog...
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
   VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
   VCM Driver for Mobile Phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
   VCM Driver for Mobile Phone
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com