Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1560HDR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1560HDR2
Description  Full Featured Voltage Mode PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1560HDR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1560HDR2 Datasheet HTML 6Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 7Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 8Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 9Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 10Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 11Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 12Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 13Page - ON Semiconductor NCP1560HDR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP1560
http://onsemi.com
10
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
3.0
3.5
4.0
4.5
5.0
5.5
6.5
7.0
150
6.0
30
35
40
45
50
55
65
70
60
CHARGE
DISCHARGE
Figure 15. Oscillator Frequency versus
Junction Temperature
Figure 16. Oscillator Frequency versus
Timing Resistor
RT, TIMING RESISTOR (kW)
400
300
250
200
150
100
50
0
100
200
300
400
600
500
350
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
285
290
295
300
305
310
150
315
RT = 101 kW
TJ = 25°C
DC [ 50%
525
450
225
150
75
0
0
10
20
40
60
90
375
300
30
50
TJ = −40°C
TJ = 125°C
80
70
VEA = 3.0 V
VDCMAX = 0 V
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
75
0
−25
−50
50
60
70
80
90
100
50
25
RP = OPEN, RMDP = OPEN
RP = 0 W, RMDP = OPEN
Vin = 36 V
RFF = 432 kW
Figure 17. Feedforward Internal Resistance
versus Junction Temperature
150
125
100
75
0
−25
−50
9
10
11
12
13
14
15
19
17
50
25
16
18
Figure 18. Maximum Duty Cycle versus
Feedforward Current
Figure 19. Maximum Duty Cycle versus
Junction Temperature
Figure 20. Soft−Start Charge/Discharge
Currents versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
IFF, FEEDFORWARD CURRENT (mA)


Similar Part No. - NCP1560HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
More results

Similar Description - NCP1560HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
Texas Instruments
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com