Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C66 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT93C66
Description  Three-wire Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT93C66 Datasheet HTML 1Page - ATMEL Corporation AT93C66 Datasheet HTML 2Page - ATMEL Corporation AT93C66 Datasheet HTML 3Page - ATMEL Corporation AT93C66 Datasheet HTML 4Page - ATMEL Corporation AT93C66 Datasheet HTML 5Page - ATMEL Corporation AT93C66 Datasheet HTML 6Page - ATMEL Corporation AT93C66 Datasheet HTML 7Page - ATMEL Corporation AT93C66 Datasheet HTML 8Page - ATMEL Corporation AT93C66 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
AT93C46/56/66
0172Z–SEEPR–9/05
Figure 1. Block Diagram
Note:
When the ORG pin is connected to VCC, the “x 16” organization is selected. When it is
connected to ground, the “x 8” organization is selected. If the ORG pin is left uncon-
nected and the application does not load the input beyond the capability of the internal 1
Meg ohm pullup, then the “x 16” organization is selected. The feature is not available on
the 1.8V devices.
For the AT93C46, if “x 16” organization is the mode of choice and Pin 6 (ORG) is left
unconnected, Atmel recommends using the AT93C46A device. For more details, see the
AT93C46A datasheet.
Absolute Maximum Ratings*
Operating Temperature
......................................−55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only, and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature
.........................................−65°C to +150°C
Voltage on Any Pin
with Respect to Ground
........................................ −1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT93C66

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66 ATMEL-AT93C66 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C66-10PC ATMEL-AT93C66-10PC Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C66-10PC ATMEL-AT93C66-10PC Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT93C66-10PC-1.8 ATMEL-AT93C66-10PC-1.8 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C66-10PC-2.5 ATMEL-AT93C66-10PC-2.5 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
More results

Similar Description - AT93C66

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_07 Datasheet
552Kb / 14P
   Three-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com