Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1550SN19T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1550SN19T1G
Description  600 kHz PWM/PFM Step?묭own DC?묭C Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1550SN19T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1550SN19T1G Datasheet HTML 1Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 2Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 3Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 4Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 5Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 6Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 7Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 8Page - ON Semiconductor NCP1550SN19T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
NCP1550/D
NCP1550
600 kHz PWM/PFM
Step−Down DC−DC
Controller
The NCP1550 is a monolithic micropower high frequency voltage
mode step−down controller IC, specially designed for battery operated
hand−held electronic products. With appropriate external P−type
MOSFET, the device can provide up to 2.0 A loading current with high
conversion efficiency. The device operates in Constant−Frequency
PWM mode at normal operation, that ensures low output ripple noise,
and which will automatically switch to PFM mode at low output loads
for higher efficiency. Additionally, value−added features of Chip
Enable to reduce IC Off−State current and integrated feedback resistor
network, make it the best choice for portable applications. The device is
designed to operate for voltage regulation with minimum external
components and board space. This device is available in a TSOP−5
package with six standard output voltage options.
Features
High Efficiency 92%, Typical
Low Quiescent Bias Current of 50 mA
(Typical at PFM Mode with No Load)
Output Voltage Options from 1.8 V to 3.3 V
with High Accuracy
$2.0%
Low Output Voltage Ripple, 50 mV, Typical
PWM Switching Frequency at 600 kHz
Automatic PWM/PFM Switchover at Light Load Condition
Very Low Dropout Operation, 100% Max. Duty Cycle
Chip Enable Pin with On−Chip 150 nA Pullup Current Source
Low Shutdown Current, 0.3 mA, Typical
Input Voltage Range from 2.45 V to 5.5 V
Built−in Soft−Start
Internal Undervoltage Lockout (UVLO) Protection
Low Profile and Minimum External Components
Micro Miniature TSOP−5 Package
Pb−Free Packages are Available
Typical Applications
Personal Digital Assistant (PDA)
Camcorders and Digital Still Camera
Hand−Held Instrument
Distributed Power System
Computer Peripheral
Conversion from Four NiMH or NiCd or One Lithium−ion Cells to
3.3 V/1.8 V
TSOP−5
SN SUFFIX
CASE 483
MARKING DIAGRAM
xxx = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
xxx AYW
G
G
PIN CONNECTIONS
CE
GND
VOUT
VIN
EXT
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
1
2
3
4
5
http://onsemi.com
(Note: Microdot may be in either location)
1


Similar Part No. - NCP1550SN19T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550SN19T1 ONSEMI-NCP1550SN19T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
More results

Similar Description - NCP1550SN19T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1450A ONSEMI-NCP1450A_05 Datasheet
220Kb / 22P
   PWM Step?뭫p DC?묭C Controller
December, 2005 ??Rev. 7
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com