Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1654
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1654 Datasheet HTML 1Page - ON Semiconductor NCP1654 Datasheet HTML 2Page - ON Semiconductor NCP1654 Datasheet HTML 3Page - ON Semiconductor NCP1654 Datasheet HTML 4Page - ON Semiconductor NCP1654 Datasheet HTML 5Page - ON Semiconductor NCP1654 Datasheet HTML 6Page - ON Semiconductor NCP1654 Datasheet HTML 7Page - ON Semiconductor NCP1654 Datasheet HTML 8Page - ON Semiconductor NCP1654 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP1654
http://onsemi.com
4
Typical Electrical Characteristics Table (VCC = 15 V, TJ from −40°C to +125°C, unless otherwise specified) (Note 3)
Symbol
Unit
Max
Typ
Min
Rating
UNDER−VOLTAGE PROTECTION / SHUTDOWN
VUVP(on)/Vref
UVP Activate Threshold Ratio (TJ = 0°C to +105°C)
4
8
12
%
VUVP(off)/Vref
UVP Deactivate Threshold Ratio (TJ = 0°C to +105°C)
6
12
18
%
VUVP(H)
UVP Lockout Hysteresis
4
%
TUVP
Propagation Delay (VFB < 8% Vref) to Drive Low
500
ns
THERMAL SHUTDOWN
Tlimit
Thermal Shutdown Threshold
150
°C
Htemp
Thermal Shutdown Hysteresis
30
°C
VCC UNDER−VOLTAGE LOCKOUT SECTION
Vstup
Start−Up Threshold (Under−Voltage Lockout Threshold, VCC rising) − Version A
Start−Up Threshold (Under−Voltage Lockout Threshold, VCC rising)− Version B
12.5
9.6
13.75
10.5
15
11.4
V
Vdisable
Disable Voltage after Turn−On (Under−Voltage Lockout Threshold, VCC falling)
Version A & B
8.25
9
9.75
V
HUVLO
Under−Voltage Lockout Hysteresis − Version A
Under−Voltage Lockout Hysteresis − Version B
4
1
4.75
1.5
V
DEVICE CONSUMPTION
Icc_stup
Icc_op1
Icc_op2
Icc_stdwn
Power Supply Current:
Start−Up (@ VCC = 12.4 V, version A and VCC = 9.4 V, version B)
Operating (@ VCC = 15 V, no load, no switching)
Operating (@ VCC = 15 V, no load, switching)
Shutdown Mode (@ VCC = 15 V and VFB = 0 V)
3.7
4.7
300
75
5
6
400
mA
mA
mA
mA
3. The above specification gives the targeted values of the parameters. The final specification will be available once the complete circuit charac-
terization has been performed.
NOTE:
IM +
Ics
Iin
2
Icontrol
,Iin +
VBO
2
R
,Icontrol +
Vcontrol * Vf
R


Similar Part No. - NCP1654

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

Similar Description - NCP1654

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654_09 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com