Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1729SN35T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1729SN35T1G
Description  Switched Capacitor Voltage Inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729SN35T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1729SN35T1G Datasheet HTML 3Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 4Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 5Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 6Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 7Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 8Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 9Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 10Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCP1729
http://onsemi.com
7
6
4
2
3
1
OSC
Capacitors = 3.3
mF
+
+
Vin
5
+
−Vout
Figure 18. Voltage Inverter
The NCP1729 primary function is a voltage inverter. The device will convert 5.0 V into −5.0 V with light loads. Two
capacitors are required for the inverter to function. A third capacitor, the input bypass capacitor, may be required depending
on the power source for the inverter. The performance for this device is illustrated below.
Figure 19. Voltage Inverter Load Regulation,
Output Voltage vs. Output Current
0
−2.0
30
−5.0
20
10
−6.0
0
Iout, OUTPUT CURRENT (mA)
−4.0
−3.0
−1.0
40
50
TA = 25°C
Vin = 3.3 V
Vin = 5.0 V


Similar Part No. - NCP1729SN35T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results

Similar Description - NCP1729SN35T1G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com