Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51-16QC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89C51-16QC
Description  8-bit Microcontroller with 4K Bytes Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51-16QC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89C51-16QC Datasheet HTML 3Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 4Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 5Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 6Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 7Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 8Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 9Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 10Page - ATMEL Corporation AT89C51-16QC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AT89C51
7
Note:
1. Chip Erase requires a 10 ms PROG pulse.
Figure 3. Programming the Flash
Figure 4. Verifying the Flash
Flash Programming Modes
Mode
RST
PSEN
ALE/PROG
EA/V
PP
P2.6
P2.7
P3.6
P3.7
Write Code Data
H
L
H/12V
L
H
H
H
Read Code Data
H
L
H
H
L
L
H
H
Write Lock
Bit - 1
H
L
H/12V
H
H
H
H
Bit - 2
H
L
H/12V
H
H
L
L
Bit - 3
H
L
H/12V
H
L
H
L
Chip Erase
H
L
H/12V
H
L
L
L
Read Signature Byte
H
L
H
H
L
L
L
L
(1)
P1
P2.6
P3.6
P2.0 - P2.3
A0 - A7
ADDR.
OOOOH/OFFFH
T
SEE FLASH
PROGRAMMING
MODES
ABLE
3-24 MHz
A8 - A11
P0
+5V
P2.7
PGM
DATA
PROG
V/V
IH
PP
V
IH
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89C51
P1
P2.6
P3.6
P2.0 - P2.3
A0 - A7
ADDR.
OOOOH/0FFFH
3-24 MHz
A8 - A11
P0
+5V
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
IH
V
IH
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89C51
T
SEE FLASH
PROGRAMMING
MODES
ABLE


Similar Part No. - AT89C51-16QC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51-16QC ATMEL-AT89C51-16QC Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C51-16QC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com