Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51-16PI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89C51-16PI
Description  8-bit Microcontroller with 4K Bytes Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51-16PI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89C51-16PI Datasheet HTML 1Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 2Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 3Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 4Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 5Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 6Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 7Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 8Page - ATMEL Corporation AT89C51-16PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AT89C51
5
Figure 2. External Clock Drive Configuration
Power-down Mode
In the power-down mode, the oscillator is stopped, and the
instruction that invokes power-down is the last instruction
executed. The on-chip RAM and Special Function Regis-
ters retain their values until the power-down mode is
terminated. The only exit from power-down is a hardware
reset. Reset redefines the SFRs but does not change the
on-chip RAM. The reset should not be activated before V
CC
is restored to its normal operating level and must be held
active long enough to allow the oscillator to restart and
stabilize.
Program Memory Lock Bits
On the chip are three lock bits which can be left unpro-
grammed (U) or can be programmed (P) to obtain the
additional features listed in the table below.
When lock bit 1 is programmed, the logic level at the EA pin
is sampled and latched during reset. If the device is pow-
ered up without a reset, the latch initializes to a random
value, and holds that value until reset is activated. It is nec-
essary that the latched value of EA be in agreement with
the current logic level at that pin in order for the device to
function properly.
Lock Bit Protection Modes
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No program lock features
2
P
U
U
MOVC instructions executed from external program memory are disabled from
fetching code bytes from internal memory, EA is sampled and latched on reset,
and further programming of the Flash is disabled
3
P
P
U
Same as mode 2, also verify is disabled
4
P
P
P
Same as mode 3, also external execution is disabled


Similar Part No. - AT89C51-16PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51-16PI ATMEL-AT89C51-16PI Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C51-16PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com