Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90S2313 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90S2313
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90S2313_02 Datasheet HTML 7Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 8Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 9Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 10Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 11Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 12Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 13Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 14Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
11
AT90S2313
0839I–AVR–06/02
Operand address is contained in 6 bits of the instruction word. n is the destination or
source register address.
Data Direct
Figure 12. Direct Data Addressing
A 16-bit data address is contained in the 16 LSBs of a 2-word instruction. Rd/Rr specify
the destination or source register.
Data Indirect with
Displacement
Figure 13. Data Indirect with Displacement
Operand address is the result of the Y- or Z-register contents added to the address con-
tained in 6 bits of the instruction word.
Data Indirect
Figure 14. Data Indirect Addressing
Operand address is the contents of the X-, Y-, or Z-register.


Similar Part No. - AT90S2313_02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313-10 ATMEL-AT90S2313-10 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PC ATMEL-AT90S2313-10PC Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PI ATMEL-AT90S2313-10PI Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10SC ATMEL-AT90S2313-10SC Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10SI ATMEL-AT90S2313-10SI Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

Similar Description - AT90S2313_02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2323 ATMEL-AT90S2323 Datasheet
983Kb / 64P
   8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com